전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT2G04GW 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74HCT2G04GW
상세설명  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G04GW 데이터시트(HTML) 5 Page - NXP Semiconductors

  74HCT2G04GW Datasheet HTML 1Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 2Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 3Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 4Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 5Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 6Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 7Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 8Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74HC_HCT2G04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 November 2006
5 of 14
NXP Semiconductors
74HC2G04; 74HCT2G04
Dual inverter
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −4.0 mA; VCC = 4.5 V
4.13
-
-
V
IO = −5.2 mA; VCC = 6.0 V
5.63
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.33
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.33
V
Il
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 6.0 V
-
-
10.0
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −4.0 mA; VCC = 4.5 V
3.7
-
-
V
IO = −5.2 mA; VCC = 6.0 V
5.2
-
-
V
Table 7.
Static characteristics for 74HC2G04 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74HCT2G04GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT2G04GW NEXPERIA-74HCT2G04GW Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GW,125 NEXPERIA-74HCT2G04GW,125 Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GW-Q100 NEXPERIA-74HCT2G04GW-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HCT2G04GW.125 NEXPERIA-74HCT2G04GW.125 Datasheet
194Kb / 15P
   Dual inverter
More results

유사한 설명 - 74HCT2G04GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com