전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM89T16R1L16 데이터시트(PDF) 2 Page - SyncMOS Technologies,Inc

부품명 SM89T16R1L16
상세설명  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1L16 데이터시트(HTML) 2 Page - SyncMOS Technologies,Inc

  SM89T16R1L16 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
SyncMOS Technologies International, Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89T16R1 08/2006
2
Pin Configuration
Figure 1 44L PQFP Package
PWM0/INT2/P1.4
P3.6/#WE
TXD1/P1.3
P3.7/#RD
RXD1/P1.2
XTAL2
T2EX/P1.1
XTAL1
T2/P1.0
VSS
P4.2
P4.0
VDD
P2.0/A8
AD0/P0.0
P2.1/A9
AD1/P0.1
P2.2/A10
AD2/P0.2
P2.3/A11
AD3/P0.3
P2.4/A12/ADC0
1
23
45678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
26
25
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
Figure 3 40L PDIP Package
Package Spec.
Package
Pin / PAD
Frequency
44L PQFP
Figure 1
16 MHz at 3.3V and 25MHz at 5V
44L PLCC
Figure 2
16 MHz at 3.3V and 25MHz at 5V
40L PDIP
Figure 3
16 MHz at 3.3V and 25MHz at 5V
Figure 2 44L PLCC Package
PWM1/#INT3/P1.5
P0.4/AD4
INT4/P1.6
P0.5/AD5
#INT5/P1.7
P0.6/AD6
RES
P0.7/AD7
RXD/P3.0
#EA
P4.3
P4.1
TXD/P3.1
ALE/X32OUT
#INT0/P3.2
#PSEN/X32IN
#INT1/P3.3
P2.7/A15/ADC3
T0/P3.4
P2.6/A14/ADC2
T1/P3.5
P2.5/A13/ADC1
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17


유사한 부품 번호 - SM89T16R1L16

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89T16R1L16 SYNCMOS-SM89T16R1L16 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results

유사한 설명 - SM89T16R1L16

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com