전자부품 데이터시트 검색엔진 |
|
SM5964C40 데이터시트(PDF) 9 Page - SyncMOS Technologies,Inc |
|
SM5964C40 데이터시트(HTML) 9 Page - SyncMOS Technologies,Inc |
9 / 26 page SyncMOS Technologies International, Inc. SM5964 8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded Specifications subject to change without notice contact your sales representatives for the most recent information. Ver 2.2 SM5964 08/2006 9 3. In-System Programming (ISP) Function The SM5964 can generate flash control signal by internal hardware circuit. User utilize flash control register, flash address register and flash data register to perform the ISP function without removing the SM5964 from the system. The SM5964 provides internal flash control signals which can do flash program/chip erase/page erase/protect functions. User need to design and use any kind of interface which SM5964 can input data. User then utilize ISP service program to perform the flash program/chip erase/page erase/protect functions. 3.1 ISP Service Program The ISP service program is a user developed firmware program which resides in the ISP service program space. After user developed the ISP service program, user then determine the size of the ISP service program. User need to program the ISP service program in the SM5964 for the ISP purpose. The ISP service program were developed by user so that it should includes any features which relates to the flash memory programming function as well as communication protocol between SM5964 and host device which output data to the SM5964. For example, if user utilize UART interface to receive/transmit data between SM5964 and host device, the ISP service program should include baud rate, checksum or parity check or any error-checking mechanism to avoid data transmission error. The ISP service program can be initiated under SM5964 active or idle mode. It can not be initiated under power down mode. 3.2 Lock Bit (N) The Lock Bit N has two functions: one is for service program size configuration and the other is to lock the ISP service program space from flash erase function. The ISP service program space address range from $F000 to $FFFF. It can be divided as blocks of N*512 byte. (N=0 to 8). When N=0 means no ISP function, all of 64K byte flash memory can be used as program memory. When N=1 means ISP service program occupies 512 byte while the rest of 63.5K byte flash memory can be used as program memory. The maximum ISP service program allowed is 4K byte for N=8. Under such configuration, the usable program memory space is 60K byte. After N determined, SM5964 will reserve the ISP service program space downward from the top of the program address $FFFF. The start address of the ISP service program located at $Fx00 while x is an even number, depending on the lock bit N. Please see page 7 program memory diagram for this ISP service program space structure. |
유사한 부품 번호 - SM5964C40 |
|
유사한 설명 - SM5964C40 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |