전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5964AL25 데이터시트(PDF) 9 Page - SyncMOS Technologies,Inc

부품명 SM5964AL25
상세설명  8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964AL25 데이터시트(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM5964AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SyncMOS Technologies International, Inc.
SM5964A
8-Bit Micro-controller
With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.3 SM5964A
10/2006
9
AC Characteristic
VCC=3.3V±10%, VSS=0V, tclk min = 1/ fmax(maximum operating frequency)
TA=0
to +
70℃
CL=100pF for Port0, ALE and /PSEN; CL=80pF for all other outputs unless otherwise specified.
Symbol
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock drive into XTAL1
tCLK
4
Xtal1 Period
40(1)
-
ns
tCLKH
4
Xtal1 HIGH time
20
-
ns
tCLKL
4
Xtal1 LOW time
20
-
ns
tCLKR
4
XTAL1 rise time
-
10
ns
tCLKF
4
XTAL1 fall time
-
10
ns
tCYC
4
Controller cycle time = tCLK / 12
3.33
-
ns
NOTES :
1.
Operating is 25MHz.
Symbol
FIGURE
PARAMETER
MIN
MAX
UNIT
Program Memory
1/tCLK
7
System clock frequency
3.0
25
MHz
tLHLL
7
ALE pulse width
2tCLK-40
ns
tAVLL
7
Address valid to ALE low
tCLK-40
ns
tLLAX
7
Address hold after ALE low
tCLK-30
ns
tLLIV
7
ALE LOW to valid instruction in
4tCLK-100
ns
tLLPL
7
ALE LOW to /PSEN LOW
tCLK-30
ns
tPLPH
7
/PSEN pulse width
3tCLK-45
ns
tPLIV
7
/PSEN LOW to valid instruction in
3tCLK-105
ns
tPXIX
7
Input instruction hold after /PSEN
0
ns
tPXIZ
7
Input instruction float after /PSEN
tCLK -25
ns
tAVIV
7
Address to valid instruction in
5tCLK-105
ns
tPLAZ
7
/PSEN low to address float
10
ns
Data Memory
tAVLL
8,9
Address valid to ALE LOW
tCLK-40
ns
tLLAX
8,9
Address hold after ALE LOW
tCLK-35
ns
tRLRH
8
/RD pulse width
6tCLK-100
ns
tWLWH
9
/WR pulse width
6tCLK-100
ns
tRLDV
8
/RD LOW to valid data in
5tCLK-165
ns
tRHDX
8
Data hold after /RD
0
ns
tRHDZ
8
Data float after /RD
2tCLK-70
ns
tLLDV
8
ALE LOW to valid data in
8tCLK-150
ns
tAVDV
8
Address to valid data in
9tCLK-165
ns
tLLWL
8,9
ALE LOW to /RD or /WR LOW
3tCLK-50
3tCLK+50
ns
tAVWL
8,9
Address valid to /WR or /RD LOW
4tCLK-130
ns
tQVWX
9
Data valid to /WR transition
tCLK-50
ns
tQVWH
9
Data before /WR
7tCLK-150
ns
tWHQX
9
Data hold after /WR
tCLK-50
ns
tRLAZ
8
/RD LOW to address float
0
ns
tWHLH
8,9
/RD or /WR HIGH to ALE HIGH
tCLK-40
tCLK+40
ns
UART
tXLXL
10
Serial port clock time
12tCLK
ns
tQVXH
10
Output data setup to clock rising edge
10tCLK-133
ns
tXHQX
10
Output data hold after clock rising edge
2tCLK-117
ns
tXHDX
10
Input data hold after clock rising edge
0
ns
tXHDV
10
Clock rising edge to input data valid
10tCLK-133
ns


유사한 부품 번호 - SM5964AL25

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
More results

유사한 설명 - SM5964AL25

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com