전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8958AC40 데이터시트(PDF) 8 Page - SyncMOS Technologies,Inc

부품명 SM8958AC40
상세설명  8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AC40 데이터시트(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM8958AC40 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958AC40 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SyncMOS Technologies International, Inc.
SM8958A
8-Bits Micro-controller
With 32KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8958A
08/2006
8
Internal RAM Control Register (RCON, $85)
bit-7
bit-0
Unused
Unused
Unused
Unused
Unused
Unused
RAMS1
RAMS0
Read / Write:
-
-
-
-
-
-
R/W
R/W
Reset value:
*
*
*
*
*
*
0
0
SM8958A has 768 byte on-chip RAM which can be accessed by external memory addressing method only. (By instruction
MOVX). The address space of instruction MOVX @Rn is determined by bit 1 and bit 0 (RAMS1, RAMS0) of RCON. The
default setting of RAMS1, RAMS0 bits is 00 (page0).
RAMS1
RAMS0
MOVX @Ri i=0,1 mapping to expended RAM address
0
0
$0000 ~ $00FF
0
1
$0100 ~ $01FF
1
0
$0200 ~ $02FF
The port 0, port2, port3.6 and port3.7 can be used as general purpose I/O pin while port0 is open-drain structure.
System Control Register (SCONF, $BF)
bit-7
bit-0
WDR
Unused
Unused
Unused
Unused
Unused
OME
ALEI
Read / Write:
R/W
-
-
-
-
-
R/W
R/W
Reset value:
0
*
*
*
*
*
0
0
WDR : Watch Dog Timer Reset. When system reset by Watch Dog Timer overflow. WDR will be set to 1, The bit 7 (WDR) of
SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated by WDT overflow. User should
check WDR bit whenever un-predicted reset happened.
OME : 768 bytes on-chip RAM enable bit. The bit 1 (OME) of SCONF can enable or disable the on-chip expanded 768 byte
RAM. The default setting of OME bit is 0 (disable).
ALEI : ALE output inhibit bit, to reduce EMI. Setting bit 0 (ALEI) of SCONF can inhibit the clock signal in Fosc/6Hz output
to the ALE pin.


유사한 부품 번호 - SM8958AC40

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM8958AC40 SYNCMOS-SM8958AC40 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results

유사한 설명 - SM8958AC40

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com