전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM59264C25 데이터시트(PDF) 1 Page - SyncMOS Technologies,Inc

부품명 SM59264C25
상세설명  8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59264C25 데이터시트(HTML) 1 Page - SyncMOS Technologies,Inc

  SM59264C25 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SyncMOS Technologies International, Inc.
SM59264
8-Bits Micro-controller
with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM59264 08/2006
1
Product List
SM59264C25, 25MHz 128KB internal flash MCU
SM59264C40, 40MHz 128KB internal flash MCU
Description
The SM59264 series product is an 8-bit single chip
micro controller with 128KB on-chip flash which
including 64KB program flash & 64KB data flash and
1K byte RAM embedded. It has In-System
Programming (ISP) function and is a derivative of the
8052 micro controller family. It has TWSI interface
which is compatible with standard VESA DDC/CI. It
has 4-channel SPWM build-in. User can access on-chip
expanded RAM with easier and faster way by its ‘bank
mapping direct addressing mode’ scheme. With its
hardware features and powerful instruction set, it’s
straight forward to make it a versatile and cost effective
controller for those applications which demand up to 32
I/O pins for PDIP package or up to 36 I/O pins for
PLCC/QFP package, or applications which need up to
64K byte flash memory for program and/or for data.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method. The on-chip flash memory can be programmed
in either parallel or serial interface with its ISP feature.
Ordering Information
yymmv
SM59264ihhkL
yy: year, ww: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
L:PB Free identifier
{No text is Non-PB Free,”P”is PB Free}
Postfix
Package
Pin / Pad
Configuration
Dimension
P
40L PDIP
Page 2
Page 31
J
44L PLCC
Page 2
Page 32
Q
44L QFP
Page 2
Page 33
Features
Working Voltage:4.5V through 5.5V
General 8052 family compatible
12 clocks per machine cycle
64K byte on chip program flash with
in-System Programming(ISP) capability
64K byte on-chip data flash with ISP
capability
TWSI(Two wire serial bus) interface
compliant with VESA DDC 2B/2Bi/2B+
standard
1024 bytes on-chip RAM
Three 16 bit Timers/Counters
One Watch Dog Timer
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for
PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Industrial Level
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes: Idle mode and Power
down mode
Code protection function
Low EMI (inhibit ALE)
Reset with address $0000 blank initiate ISP
service program
ISP service program space configurable in
N*512 byte (N=0 to 8) size
4 channel SPWM function
Taiwan
6F, No.10-2
Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


유사한 부품 번호 - SM59264C25

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM59264IHHK SYNCMOS-SM59264IHHK Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results

유사한 설명 - SM59264C25

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com