전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC157 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AHC157
상세설명  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC157 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC157 Datasheet HTML 7Page - NXP Semiconductors 74AHC157 Datasheet HTML 8Page - NXP Semiconductors 74AHC157 Datasheet HTML 9Page - NXP Semiconductors 74AHC157 Datasheet HTML 10Page - NXP Semiconductors 74AHC157 Datasheet HTML 11Page - NXP Semiconductors 74AHC157 Datasheet HTML 12Page - NXP Semiconductors 74AHC157 Datasheet HTML 13Page - NXP Semiconductors 74AHC157 Datasheet HTML 14Page - NXP Semiconductors 74AHC157 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AHC_AHCT157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 9 November 2007
11 of 16
NXP Semiconductors
74AHC157; 74AHCT157
Quad 2-input multiplexer
12. Package outline
Fig 10. Package outline SOT109-1 (SO16)
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
8
9
1
16
y
pin 1 index
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
10.0
9.8
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT109-1
99-12-27
03-02-19
076E07
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.39
0.38
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.020
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
0
2.5
5 mm
scale
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


유사한 부품 번호 - 74AHC157

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC157 PHILIPS-74AHC157 Datasheet
84Kb / 16P
   Quad 2-input multiplexer
1999 Sep 24
logo
Nexperia B.V. All right...
74AHC157 NEXPERIA-74AHC157 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
74AHC157BQ NEXPERIA-74AHC157BQ Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
More results

유사한 설명 - 74AHC157

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com