전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT08D 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AHCT08D
상세설명  Quad 2-input AND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT08D 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AHCT08D Datasheet HTML 1Page - NXP Semiconductors 74AHCT08D Datasheet HTML 2Page - NXP Semiconductors 74AHCT08D Datasheet HTML 3Page - NXP Semiconductors 74AHCT08D Datasheet HTML 4Page - NXP Semiconductors 74AHCT08D Datasheet HTML 5Page - NXP Semiconductors 74AHCT08D Datasheet HTML 6Page - NXP Semiconductors 74AHCT08D Datasheet HTML 7Page - NXP Semiconductors 74AHCT08D Datasheet HTML 8Page - NXP Semiconductors 74AHCT08D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74AHC_AHCT08_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 14 November 2007
4 of 14
NXP Semiconductors
74AHC08; 74AHCT08
Quad 2-input AND gate
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 8 mW/K above 70 °C.
[3]
Ptot derates linearly with 5.5 mW/K above 60 °C.
[4]
Ptot derates linearly with 4.5 mW/K above 60 °C.
8.
Recommended operating conditions
9.
Static characteristics
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
SO14 package
[2] -
500
mW
TSSOP14 package
[3] -
500
mW
DHVQFN14 package
[4] -
500
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC08
74AHCT08
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC08
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.4
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.7
-
V


유사한 부품 번호 - 74AHCT08D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT08D PHILIPS-74AHCT08D Datasheet
73Kb / 16P
   Quad 2-input AND gate
1999 Sep 24
74AHCT08D NXP-74AHCT08D Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
74AHCT08D NXP-74AHCT08D Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHCT08D NEXPERIA-74AHCT08D Datasheet
229Kb / 12P
   Quad 2-input AND gate
Rev. 4 - 26 May 2020
74AHCT08D-Q100 NEXPERIA-74AHCT08D-Q100 Datasheet
716Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results

유사한 설명 - 74AHCT08D

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com