전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC157D 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AHC157D
상세설명  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC157D 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC157D Datasheet HTML 3Page - NXP Semiconductors 74AHC157D Datasheet HTML 4Page - NXP Semiconductors 74AHC157D Datasheet HTML 5Page - NXP Semiconductors 74AHC157D Datasheet HTML 6Page - NXP Semiconductors 74AHC157D Datasheet HTML 7Page - NXP Semiconductors 74AHC157D Datasheet HTML 8Page - NXP Semiconductors 74AHC157D Datasheet HTML 9Page - NXP Semiconductors 74AHC157D Datasheet HTML 10Page - NXP Semiconductors 74AHC157D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AHC_AHCT157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 9 November 2007
7 of 16
NXP Semiconductors
74AHC157; 74AHCT157
Quad 2-input multiplexer
10. Dynamic characteristics
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
-
40
-
80
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V; IO = 0 A;
other pins at VCC or GND;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
3
10
-
10
-
10
pF
CO
output
capacitance
-
4.0
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; For test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C
−40 °C to +125
°C
Unit
Min
Typ[1] Max
Min
Max
Min
Max
For type 74AHC157
tpd
propagation
delay
nI0, nI1 to nY; see Figure 7 [2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
4.4
9.7
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
6.3
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.2
6.4
1.0
7.5
1.0
8.0
ns
CL = 50 pF
-
4.6
8.4
1.0
9.5
1.0
10.5
ns
S to nY; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
4.8
13.6
1.0
16.0
1.0
17.0
ns
CL = 50 pF
-
6.8
17.1
1.0
19.5
1.0
21.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.6
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
5.2
10.6
1.0
12.0
1.0
13.5
ns
E to nY; see Figure 8
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.9
13.2
1.0
15.5
1.0
16.5
ns
CL = 50 pF
-
8.4
16.7
1.0
19.0
1.0
21.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.2
8.1
1.0
9.5
1.0
10.5
ns
CL = 50 pF
-
6.0
10.1
1.0
11.5
1.0
13.0
ns


유사한 부품 번호 - 74AHC157D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC157D PHILIPS-74AHC157D Datasheet
84Kb / 16P
   Quad 2-input multiplexer
1999 Sep 24
logo
Nexperia B.V. All right...
74AHC157D NEXPERIA-74AHC157D Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHC157D-Q100 NEXPERIA-74AHC157D-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHC157D-Q100 NEXPERIA-74AHC157D-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
More results

유사한 설명 - 74AHC157D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com