전자부품 데이터시트 검색엔진 |
|
74AVCH1T45 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
74AVCH1T45 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 22 page 74AVCH1T45_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 25 October 2007 6 of 22 NXP Semiconductors 74AVCH1T45 Dual supply translating transceiver; 3-state VIL LOW-level input voltage data input [3] VCCI = 0.8 V - - 0.30 × V CCI V VCCI = 1.1 V to 1.95 V - - 0.35 × V CCI V VCCI = 2.3 V to 2.7 V - - 0.7 V VCCI = 3.0 V to 3.6 V - - 0.9 V DIR input VCCI = 0.8 V - - 0.30 × V CC(A) V VCCI = 1.1 V to 1.95 V - - 0.35 × V CC(A) V VCCI = 2.3 V to 2.7 V - - 0.7 V VCCI = 3.0 V to 3.6 V - - 0.9 V VOH HIGH-level output voltage VI = VIH or VIL IO = −100 µA; VCC(A) =VCC(B) = 0.8 V to 3.6 V [2] VCCO − 0.1 - - V IO = −3 mA; VCC(A) = VCC(B) = 1.1 V 0.85 - - V IO = −6 mA; VCC(A) = VCC(B) = 1.4 V 1.05 - - V IO = −8 mA; VCC(A) = VCC(B) = 1.65 V 1.2 - - V IO = −9 mA; VCC(A) = VCC(B) = 2.3 V 1.75 - - V IO = −12 mA; VCC(A) = VCC(B) = 3.0 V 2.3 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 100 µA; VCC(A) =VCC(B) = 0.8 V to 3.6 V - - 0.1 V IO = 3 mA; VCC(A) = VCC(B) = 1.1 V - - 0.25 V IO = 6 mA; VCC(A) = VCC(B) = 1.4 V - - 0.35 V IO = 8 mA; VCC(A) = VCC(B) = 1.65 V - - 0.45 V IO = 9 mA; VCC(A) = VCC(B) = 2.3 V - - 0.55 V IO = 12 mA; VCC(A) = VCC(B) = 3.0 V - - 0.7 V II input leakage current DIR input; VI = 0 V to 3.6 V; VCC(A) =VCC(B) = 0.8 V to 3.6 V -- ±1 µA IBHL bus hold LOW current A or B port VI = 0.49 V; VCC(A) = VCC(B) = 1.4 V 15 - - µA VI = 0.58 V; VCC(A) = VCC(B) = 1.65 V 25 - - µA VI = 0.70 V; VCC(A) = VCC(B) = 2.3 V 45 - - µA VI = 0.80 V; VCC(A) = VCC(B) = 3.0 V 100 - - µA IBHH bus hold HIGH current A or B port VI = 0.91 V; VCC(A) = VCC(B) = 1.4 V −15 - - µA VI = 1.07 V; VCC(A) = VCC(B) = 1.65 V −25 - - µA VI = 1.60 V; VCC(A) = VCC(B) = 2.3 V −45 - - µA VI = 2.00 V; VCC(A) = VCC(B) = 3.0 V −100 - - µA Table 7. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
유사한 부품 번호 - 74AVCH1T45 |
|
유사한 설명 - 74AVCH1T45 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |