전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA412Y 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BTA412Y
상세설명  12 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA412Y 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BTA412Y Datasheet HTML 3Page - NXP Semiconductors BTA412Y Datasheet HTML 4Page - NXP Semiconductors BTA412Y Datasheet HTML 5Page - NXP Semiconductors BTA412Y Datasheet HTML 6Page - NXP Semiconductors BTA412Y Datasheet HTML 7Page - NXP Semiconductors BTA412Y Datasheet HTML 8Page - NXP Semiconductors BTA412Y Datasheet HTML 9Page - NXP Semiconductors BTA412Y Datasheet HTML 10Page - NXP Semiconductors BTA412Y Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA412Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
7 of 12
NXP Semiconductors
BTA412Y series B and C
12 A 3-quadrant triacs, insulated, high commutation, high temperature
8.
Dynamic characteristics
Table 7.
Dynamic characteristics
Symbol Parameter
Conditions
BTA412Y-600B
BTA412Y-800B
BTA412Y-600C
BTA412Y-800C
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of
off-state
voltage
VDM = 0.67 × VDRM(max); Tj = 125 °C;
exponential waveform; gate open circuit
1000
-
-
500
-
-
V/
µs
VDM = 0.67 × VDRM(max); Tj = 150 °C;
exponential waveform; gate open circuit
600
-
-
300
-
-
V/
µs
dIcom/dt rate of change
of
commutating
current
VDM = 400 V; Tj = 125 °C; IT(RMS) =12A;
without snubber; gate open circuit
20
-
-
15
-
-
A/ms
VDM = 400 V; Tj = 150 °C; IT(RMS) =12A;
without snubber; gate open circuit
8
-
-
6
-
-
A/ms
tgt
gate-controlled
turn-on time
ITM = 20 A; VD =VDRM(max); IG = 0.1 A;
dIG/dt=5A/µs
-2
-
-
2
-
µs
(1) T2
− G−
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function of
junction temperature
Fig 8.
Normalized gate trigger current as a function of
junction temperature
Tj (°C)
−50
150
100
50
0
001aag168
0.8
1.2
1.6
VGT
0.4
VGT(25°C)
Tj (°C)
−50
150
100
050
001aag165
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)


유사한 부품 번호 - BTA412Y

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600B WEEN-BTA412Y-600B Datasheet
405Kb / 12P
   3Q Triac
logo
NXP Semiconductors
BTA412Y-600C NXP-BTA412Y-600C Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600C WEEN-BTA412Y-600C Datasheet
480Kb / 12P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA412Y-600ET ISC-BTA412Y-600ET Datasheet
173Kb / 1P
   isc Thyristors
More results

유사한 설명 - BTA412Y

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com