전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA416Y-800C 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BTA416Y-800C
상세설명  16 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-800C 데이터시트(HTML) 5 Page - NXP Semiconductors

  BTA416Y-800C Datasheet HTML 1Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 2Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 3Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 4Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 5Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 6Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 7Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 8Page - NXP Semiconductors BTA416Y-800C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA416Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
5 of 12
NXP Semiconductors
BTA416Y series B and C
16 A 3-quadrant triacs, insulated, high commutation, high temperature
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
full cycle; see Figure 6
-
-
1.9
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
60
-
K/W
Fig 6.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aab821
10−1
10−2
1
10
Zth(j-mb)
(K/W)
10−3
tp (s)
10−5
110
10−1
10−2
10−4
10−3
tp
P
t
Table 5.
Isolation limiting values and characteristics
Th = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage from all three terminals to
external heatsink; f = 50 Hz to
60 Hz; sinusoidal waveform;
RH
≤ 65 %; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from pin 2 to external heatsink;
f=1MHz
-10
-
pF


유사한 부품 번호 - BTA416Y-800C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA416Y-800C NXP-BTA416Y-800C Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
SiPower Inc.
BTA416Y-800C SIPOWER-BTA416Y-800C Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-800C WEEN-BTA416Y-800C Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA416Y-800C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com