전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX8744A 데이터시트(PDF) 2 Page - Maxim Integrated Products

부품명 MAX8744A
상세설명  High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8744A 데이터시트(HTML) 2 Page - Maxim Integrated Products

  MAX8744A Datasheet HTML 1Page - Maxim Integrated Products MAX8744A Datasheet HTML 2Page - Maxim Integrated Products MAX8744A Datasheet HTML 3Page - Maxim Integrated Products MAX8744A Datasheet HTML 4Page - Maxim Integrated Products MAX8744A Datasheet HTML 5Page - Maxim Integrated Products MAX8744A Datasheet HTML 6Page - Maxim Integrated Products MAX8744A Datasheet HTML 7Page - Maxim Integrated Products MAX8744A Datasheet HTML 8Page - Maxim Integrated Products MAX8744A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, DRVA, OUTA to GND............................-0.3V to +28V
LDO5, ON3, ON5, ONA to GND ..............................-0.3V to +6V
PGOODA, PGOOD3, PGOOD5 to GND...................-0.3V to +6V
CSL3, CSH3, CSL5, CSH5 to GND ..........................-0.3V to +6V
REF, FB3, FB5, FBA to GND...................-0.3V to (VLDO5 + 0.3V)
SKIP, FSEL, ILIM to GND........................-0.3V to (VLDO5 + 0.3V)
DL3, DL5 to PGND..................................-0.3V to (VLDO5 + 0.3V)
BST3, BST5 to PGND .............................................-0.3V to +34V
BST3 to LX3..............................................................-0.3V to +6V
DH3 to LX3 ..............................................-0.3V to (VBST3 + 0.3V)
BST5 to LX5..............................................................-0.3V to +6V
DH5 to LX5 ..............................................-0.3V to (VBST5 + 0.3V)
GND to PGND .......................................................-0.3V to +0.3V
BST3, BST5 to LDO5 .............................................-0.3V to +0.3V
LDO Short Circuit to GND ..........................................Momentary
REF Short Circuit to GND ...........................................Momentary
DRVA Current (Sinking) ......................................................30mA
OUTA Shunt Current ...........................................................30mA
Continuous Power Dissipation (TA = +70°C)
Multilayer PCB
32-Pin, 5mm x 5mm TQFN
(derated 34.5mW/°C above +70°C) .........................2459mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, both SMPS enabled, FSEL = REF, SKIP = GND, ILIM = LDO5, FBA = LDO5, IREF = ILDO5 = IOUTA =
no load, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES (Note 1)
LDO5 in regulation
5.4
26.0
VIN Input Voltage Range
VIN
IN = LDO5, VCSL5 < 4.4V
4.5
5.5
V
VIN Operating Supply Current
IIN
LDO5 switched over to CSL5, either
SMPS on
20
36
µA
VIN Standby Supply Current
IIN(STBY)
VIN = 6V to 26V, both SMPS off, includes
ISHDN
65
120
µA
VIN Shutdown Supply Current
IIN(SHDN)
VIN = 6V to 26V
8
20
µA
Quiescent Power Consumption
PQ
Both SMPS on, FB3 = FB5 = LDO5,
SKIP = GND, VCSL3 = 3.5V, VCSL5 = 5.3V,
VOUTA = 15V,
PIN + PCSL3 + PCSL5 + POUTA
3.5
4.5
mW
MAIN SMPS CONTROLLERS
3.3V Output Voltage in Fixed
Mode
VOUT3
VIN = 6V to 26V, SKIP = FB3 = LDO5,
0 < VCSH3 - VCSL3 < 50mV (Note 2)
3.265
3.315
3.365
V
5V Output Voltage in Fixed Mode
VOUT5
VIN = 6V to 26V, SKIP = FB5 = LDO5,
0 < VCSH5 - VCSL5 < 50mV (Note 2)
4.94
5.015
5.09
V
VIN = 6V to 26V, FB3 or FB5
duty factor = 20% to 80%
1.980
2.010
2.040
Feedback Voltage in Adjustable
Mode (Note 2)
VFB_
VIN = 6V to 26V, FB3 or FB5
duty factor = 50%
1.990
2.010
2.030
V


유사한 부품 번호 - MAX8744A

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX8744 MAXIM-MAX8744 Datasheet
583Kb / 36P
   High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
MAX8744ETJ++ MAXIM-MAX8744ETJ+ Datasheet
583Kb / 36P
   High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results

유사한 설명 - MAX8744A

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com