전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES6128F 데이터시트(PDF) 7 Page - ESS Technology,Inc

부품명 ES6128F
상세설명  Vibratto-S DVD Processor Product Brief
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6128F 데이터시트(HTML) 7 Page - ESS Technology,Inc

Back Button ES6128F Datasheet HTML 2Page - ESS Technology,Inc ES6128F Datasheet HTML 3Page - ESS Technology,Inc ES6128F Datasheet HTML 4Page - ESS Technology,Inc ES6128F Datasheet HTML 5Page - ESS Technology,Inc ES6128F Datasheet HTML 6Page - ESS Technology,Inc ES6128F Datasheet HTML 7Page - ESS Technology,Inc ES6128F Datasheet HTML 8Page - ESS Technology,Inc ES6128F Datasheet HTML 9Page - ESS Technology,Inc ES6128F Datasheet HTML 10Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ESS Technology, Inc.
SAM0481B-052705
7
ES6128 PRODUCT BRIEF
ES6128 PIN DESCRIPTION
HD8
132
I/O
Host data bus line; (5V tolerant input).
DCI_FDS#
I/O
DVD input sector start; (5V tolerant input).
AUX2[0]
I/O
Aux2 data I/O; (5V tolerant input).
VFD_CLK
I
VFD clock input.
HD9
133
I/O
Host data bus line; (5V tolerant input).
AUX2[1]
I/O
Aux2 data I/O; (5V tolerant input).
HD10
134
I/O
Host data bus line; (5V tolerant input).
AUX2[2]
I/O
Aux2 data I/O; (5V tolerant input).
HD11
135
I/O
Host data bus line; (5V tolerant input).
AUX2[3]
I/O
Aux2 data I/O; (5V tolerant input).
IRQ
O
IRQ.
HD12
136
I/O
Host data bus line; (5V tolerant input).
AUX2[4]
I/O
Aux2 data I/O; (5V tolerant input).
C2PO
I
C2PO error correction flag from CD-ROM; (5V tolerant input).
HD13
137
I/O
Host data bus line; (5V tolerant input).
AUX2[5]
I/O
Aux2 data I/O; (5V tolerant input).
SP
I
16550 UART serial port input.
HD14
140
I/O
Host data bus line; (5V tolerant input).
AUX2[6]
I/O
Aux2 data I/O; (5V tolerant input).
HD15
141
I/O
Host data bus line; (5V tolerant input).
AUX2[7]
I/O
Aux2 data I/O; (5V tolerant input).
IR
I
IR remote control input; (5V tolerant input).
HWRQ#
142
O
Host write request.
DCI_REQ#
O
DVD control interface request.
AUX4[1]
I/O
Aux4 data I/O; (5V tolerant input).
HRRQ#
143
O
Host read request.
AUX4[0]
I/O
Aux4 data I/O; (5V tolerant input).
CAMIN2
I
Camera YUV 2.
PIXIN2
I
CCIR656 input pixel 2.
HIRQ
144
I/O
Host interrupt.
DCI_ERR#
I/O
DVD channel data error; (5V tolerant input).
AUX4[7]
I/O
Aux4 data I/O; (5V tolerant input).
HRST#
145
OHost reset.
AUX3[5]
I/O
Aux3 data I/O; (5V tolerant input).
HIORDY
146
I
Host I/O ready.
AUX3[3]
I/O
Aux3 data I/O; (5V tolerant input).
Table 1
ES6128 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition


유사한 부품 번호 - ES6128F

제조업체부품명데이터시트상세설명
logo
ESS Technology,Inc
ES6128F ESS-ES6128F Datasheet
97Kb / 10P
   Vibratto-S DVD Processor Product Brief
More results

유사한 설명 - ES6128F

제조업체부품명데이터시트상세설명
logo
ESS Technology,Inc
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
   Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
   Vibratto-S DVD Processor Product Brief
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
   Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
   DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
   DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
   Vibratto DVD Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com