전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR8721PBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLR8721PBF
상세설명  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR8721PBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRLR8721PBF Datasheet HTML 3Page - International Rectifier IRLR8721PBF Datasheet HTML 4Page - International Rectifier IRLR8721PBF Datasheet HTML 5Page - International Rectifier IRLR8721PBF Datasheet HTML 6Page - International Rectifier IRLR8721PBF Datasheet HTML 7Page - International Rectifier IRLR8721PBF Datasheet HTML 8Page - International Rectifier IRLR8721PBF Datasheet HTML 9Page - International Rectifier IRLR8721PBF Datasheet HTML 10Page - International Rectifier IRLR8721PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U8721PbF
www.irf.com
9
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
DIU@SI6UDPI6G
6TT@H7G@9ÃPIÃXXÃ %Ã!
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ6Å
25
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
@Y6HQG@)
GPUÃ8P9@Ã !"#
UCDTÃDTÃ6IÃDSAS !
XDUCÃ6TT@H7G`
vqvph‡r†ÃÅGrhqA…rrÅ
QSP9V8UÃPQUDPI6G
QÃ2Ã9@TDBI6U@TÃG@69AS@@
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@
Q6SUÃIVH7@S
X@@FÃ %
96U@Ã8P9@
`@6SÃ Ã2Ã!
S@8UDAD@S
DIU@SI6UDPI6G
GPBP
GPUÃ8P9@
6TT@H7G`


,5)5
$
GDI@Ã6

S@8UDAD@S
GPBP
,5)5

6TT@H7G`
GPUÃ8P9@
`@6SÃ Ã2Ã!
96U@Ã8P9@
Q6SUÃIVH7@S
X@@FÃ %
ÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚Ãvqvph‡r†
ÅGrhqA…rrÅĈhyvsvph‡v‚Ã‡‚ÇurÃp‚†ˆ€r…yr‰ry
QÃ2Ã9@TDBI6U@TÃG@69AS@@
QSP9V8UÃRV6GDAD@9ÃUPÃUC@
8PITVH@SÃG@W@GÃPQUDPI6G
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


유사한 부품 번호 - IRLR8721PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8721PBF IRF-IRLR8721PBF Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
IRLR8721PBF-1 IRF-IRLR8721PBF-1 Datasheet
265Kb / 12P
   Compatible with Existing Surface Mount Techniques
IRLR8721PBF-1 IRF-IRLR8721PBF-1_15 Datasheet
265Kb / 12P
   Compatible with Existing Surface Mount Techniques
IRLR8721PBF IRF-IRLR8721PBF_15 Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
More results

유사한 설명 - IRLR8721PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com