전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5021BDH 데이터시트(PDF) 5 Page - Nippon Precision Circuits Inc

부품명 SM5021BDH
상세설명  Crystal Oscillator Module ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021BDH 데이터시트(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5021BDH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021BDH Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM5021 series
SEIKO NPC CORPORATION —5
Electrical Characteristics
3V operation: AA, AB, AC, AD, AE, KD, KE series
VDD = 2.7 to 3.6V, VSS = 0V, Ta = − 20 to + 80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V,
IOH = 4mA
SM5021
×AH, CF5021×A
SM5021
×BH, CF5021×B
SM5021
×CH, CF5021×C
SM5021
×DH, CF5021×D
2.1
2.4
V
Q: Measurement cct 1, VDD = 2.7V,
IOH = 8mA
SM5021
×EH, CF5021×E
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V,
IOL = 4mA
SM5021
×AH, CF5021×A
SM5021
×BH, CF5021×B
SM5021
×CH, CF5021×C
SM5021
×DH, CF5021×D
0.3
0.4
V
Q: Measurement cct 2, VDD = 2.7V,
IOL = 8mA
SM5021
×EH, CF5021×E
HIGH-level input voltage
VIH
INHN
2.0
V
LOW-level input voltage
VIL
INHN
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, VDD = 3.3V, INHN = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, VDD = 3.3V, INHN = LOW, VOL = VSS
––
10
Current consumption
IDD
70MHz crystal oscillator,
measurement cct 3, load cct 1,
INHN = open, CL = 15pF
SM5021A
×H, CF5021A×
SM5021K
×H, CF5021K×
–13
25
mA
INHN pull-up resistance
RUP
Measurement cct 4
25
100
250
k
Feedback resistance
(A
× series only)
Rf
Measurement cct 5
SM5021
×AH, CF5021×A
5.1
6.0
6.9
k
SM5021
×BH, CF5021×B
2.8
3.3
3.8
SM5021
×CH, CF5021×C
3.3
3.9
4.5
SM5021
×DH, CF5021×D
SM5021
×EH, CF5021×E
2.3
2.7
3.1
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
7.44
8
8.56
pF
CD
Design value. A monitor pattern on a
wafer is tested.
SM5021
×AH, CF5021×A
SM5021
×BH, CF5021×B
SM5021
×CH, CF5021×C
SM5021
×DH, CF5021×D
13.95
15
16.05
pF
SM5021
×EH, CF5021×E
11.16
12
12.84


유사한 부품 번호 - SM5021BDH

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5021BDH NPC-SM5021BDH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results

유사한 설명 - SM5021BDH

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com