전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5021KEH 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM5021KEH
상세설명  Crystal Oscillator Module ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021KEH 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5021KEH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021KEH Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM5021 series
SEIKO NPC CORPORATION —3
PAD LAYOUT
(Unit:
µm)
PINOUT
(Top view)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
Chip size
: 1.00
× 0.80mm
Chip thickness : 220 ± 30µm
Chip base
: VDD level
Q
VDD
XT
VSS
(0,0)
(1000,800)
INHN
XTN
HA5021
1
XT
VSS
Q
VDD
2
3
6
5
4
XTN
INHN
Number
Name
I/O
Description
Pad dimensions [µm]
XY
1
INHN
I
Output state control input. High impedance when LOW. Pull-up resistor built in
771
150
2
XT
I
Amplifier input.
Crystal oscillator connection pins.
Crystal oscillator is connected between XT and XTN
553
150
3
VSS
Ground
150
140
4
Q
O
Output. Output frequency (fO)
150
649
5
VDD
Supply voltage
796
409
6
XTN
O
Amplifier output.
Crystal oscillator connection pins.
Crystal oscillator is connected between XT and XTN
836
636
XT
VSS
VDD
Q
CG
CD
Rf
XTN
INHN
Rfo
X'tal


유사한 부품 번호 - SM5021KEH

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5021KEH NPC-SM5021KEH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results

유사한 설명 - SM5021KEH

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com