전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5073F2S 데이터시트(PDF) 8 Page - Nippon Precision Circuits Inc

부품명 SM5073F2S
상세설명  VCXO ICs with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5073F2S 데이터시트(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5073F2S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SM5073 series
SEIKO NPC CORPORATION —8
SM5073D
×S
VDD = 3.0 to 3.6V, VC = 1.65V, VSS = 0V, Ta = –40 to +85°C, unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
HIGH-level output voltage
VOH
Q: Measurement circuit 1, IOH = 6mA
2.5
2.75
V
LOW-level output voltage
VOL
Q: Measurement circuit 1, IOL = 6mA
0.2
0.4
V
Output leakage current
IZ
Q: Measurement circuit 6,
INHN = LOW
VOH = VDD
10
µA
VOL = VSS
10
µA
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Current consumption
IDD
Measurement circuit 2, load
circuit 1, INHN = open,
CL = 15pF,
f = 37MHz
SM5073D1S
11
30
mA
SM5073D2S
9.5
28.5
mA
SM5073D3S
9
28
mA
SM5073D4S to 6S
8.5
27.5
mA
INHN pull-up resistance
RUP
Measurement circuit 3
50
100
180
k
Built-in resistance
Rf
Design value. A monitor pattern on a wafer is
tested.
150
300
540
k
RD
0.25
0.36
0.47
k
RB1
Measurement circuit 4
100
200
360
k
RB2
Design value. A monitor pattern on a wafer is
tested.
50
100
180
k
Built-in capacitance
CV
Design value. A monitor
pattern on a wafer is tested.
VC = 0.3V
11.0
14.6
18.2
pF
VC = 3.0V
2.3
4.0
5.7
pF
CG
Design value. A monitor pattern on a wafer is
tested.
25.5
30
34.5
pF
CD
25.5
30
34.5
pF
CC
34
40
46
pF


유사한 부품 번호 - SM5073F2S

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SM50 SEMTECH-SM50 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
More results

유사한 설명 - SM5073F2S

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com