전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8881 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC8881
상세설명  16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC8881 데이터시트(HTML) 4 Page - Texas Instruments

  DAC8881 Datasheet HTML 1Page - Texas Instruments DAC8881 Datasheet HTML 2Page - Texas Instruments DAC8881 Datasheet HTML 3Page - Texas Instruments DAC8881 Datasheet HTML 4Page - Texas Instruments DAC8881 Datasheet HTML 5Page - Texas Instruments DAC8881 Datasheet HTML 6Page - Texas Instruments DAC8881 Datasheet HTML 7Page - Texas Instruments DAC8881 Datasheet HTML 8Page - Texas Instruments DAC8881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
DAC8881
SBAS422A – JULY 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = TMIN to TMAX, AVDD = DVDD = +2.7V to +5.5V, IOVDD = +1.8V to +5.5V, gain = 1X mode, unless
otherwise noted.
DAC8881
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS(3)
IOVDD = 4.5V to 5.5V
3.8
IOVDD + 0.3
V
High-level input voltage, VIH
IOVDD = 2.7V to 3.3V
2.1
IOVDD + 0.3
V
IOVDD = 1.7V to 2.0V
1.5
IOVDD + 0.3
V
IOVDD = 4.5V to 5.5V
–0.3
0.8
V
Low-level input voltage, VIL
IOVDD = 2.7V to 3.3V
–0.3
0.6
V
IOVDD = 1.7V to 2.0V
–0.3
0.3
V
Digital input current (IIN)
±1
±10
μA
Digital input capacitance
5
pF
DIGITAL OUTPUT(3)
IOVDD = 2.7V to 5.5V, IOH = –1mA
IOVDD – 0.2
V
High-level output voltage, VOH
IOVDD = 1.7V to 2.0V, IOH = –500μA
IOVDD – 0.2
V
IOVDD = 2.7V to 5.5V, IOL = 1mA
0.2
V
Low-level output voltage, VOL
IOVDD = 1.7 to 2.0V, IOL = 500μA
0.2
V
POWER SUPPLY
AVDD
+2.7
+5.5
V
DVDD
+2.7
+5.5
V
IOVDD
+1.7
DVDD
V
AIDD
VIH = IOVDD, VIL = DGND
1.5
mA
DIDD
VIH = IOVDD, VIL = DGND
1
10
μA
IOIDD
VIH = IOVDD, VIL = DGND
1
10
μA
AIDD power-down
PDN = IOVDD
25
50
μA
Power dissipation
AVDD = DVDD = 5.0V
6
7.5
mW
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(3)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8881


유사한 부품 번호 - DAC8881

제조업체부품명데이터시트상세설명
logo
Analog Devices
DAC888 AD-DAC888_15 Datasheet
3Mb / 12P
   8-BIt LevelTriggered Latch
REV. B
More results

유사한 설명 - DAC8881

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com