전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCS8004 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TPCS8004
상세설명  High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8004 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TPCS8004_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCS8004
2004-07-06
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
TPCS8004
High-Speed Switching Applications
Switching Regulator Applications
DC-DC Converter Applications
• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 0.56 Ω (typ.)
• High forward transfer admittance: |Yfs| = 1.8 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 200 V)
• Enhancement model: Vth = 1.5~3.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
200
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
200
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
1.3
Drain current
Pulse (Note 1)
IDP
5.2
A
Drain power dissipation (t = 10 s)
(Note 2a)
PD
1.5
Drain power dissipation (t = 10 s)
(Note 2b)
PD
0.6
W
Single pulse avalanche energy(Note3)
EAS
1.05
mJ
Avalanche current
IAR
1.3
A
Repetitive avalanche energy
(Note2a, Note 4)
EAR
0.15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note 1, Note 2, Note 3 and Note 4: See the next page.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3R1B
Weight: 0.035 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


유사한 부품 번호 - TPCS8004_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
More results

유사한 설명 - TPCS8004_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com