전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74V3680-15PEU 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74V3680-15PEU
상세설명  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74V3680-15PEU 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74V3680-15PEU Datasheet HTML 4Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 5Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 6Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 7Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 8Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 9Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 10Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 11Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
partial reset (PRS)
A partial reset is accomplished when the PRS input is taken to a low state. As in the case of the master reset,
the internal read and write pointers are set to the first location of the RAM array, PAE goes low, PAF goes high,
and HF goes high.
Whichever mode is active at the time of partial reset remains selected (standard or FWFT mode). If standard
mode is active, FF goes high and EF goes low. If the FWFT mode is active, OR goes high and IR goes low.
Following partial reset, all values held in the offset registers remain unchanged. The programming method
(parallel or serial) active at the time of partial reset also is retained. The output register is initialized to all zeroes.
PRS is asynchronous.
A partial reset is useful for resetting the device during operation when reprogramming programmable-flag
offsets might not be convenient.
See Figure 6 for timing information.
retransmit (RT)
The retransmit operation allows previously read data to be accessed again. There are two modes of retransmit
operation: normal latency and zero latency. There are two stages to retransmit. The first stage is a setup
procedure that resets the read pointer to the first location of memory. The second stage is the actual retransmit,
which consists of reading out the memory contents, starting at the beginning of the memory.
Retransmit setup is initiated by holding RT low during a rising RCLK edge. REN and WEN must be high before
bringing RT low. When zero latency is utilized, REN need not be high before bringing RT low.
If standard mode is selected, the FIFO marks the beginning of the retransmit setup by setting EF low. The
change in level is noticeable only if EF was high before setup. During this period, the internal read pointer is
initialized to the first location of the RAM array.
When EF goes high, retransmit setup is complete and read operations can begin, starting with the first location
in memory. Because standard mode is selected, every word read, including the first word following retransmit
setup, requires a low on REN to enable the rising edge of RCLK.
See Figure 11 for timing information.
If FWFT mode is selected, the FIFO marks the beginning of the retransmit setup by setting OR high. During this
period, the internal read pointer is set to the first location of the RAM array.
When OR goes low, retransmit setup is complete. At the same time, the contents of the first location appear on
the outputs. Because FWFT mode is selected, the first word appears on the outputs and no low on REN is
necessary. Reading all subsequent words requires a low on REN to enable the rising edge of RCLK.
See Figure 12 for timing information.
In retransmit operation, zero-latency mode can be selected using the retransmit latency mode (RM) pin during
a master reset. This can be applied to the standard mode and the FWFT mode.


유사한 부품 번호 - SN74V3680-15PEU

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

유사한 설명 - SN74V3680-15PEU

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com