전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP1962F10AXBG 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TMP1962F10AXBG
상세설명  32-Bit RISC Microprocessor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1962F10AXBG 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP1962F10AXBG Datasheet HTML 6Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 7Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 8Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 9Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 10Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 11Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 12Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 13Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
TMP1962F10AXBG
TMP1962F-10
Table 2.2 Pin Names and Function (3/6)
Pin Name
# of
Pins
Type
Function
PB3
TB2IN1
INT6
1
Input/Output
Input
Input
Port B3: Programmable as input or output
16-Bit Timer 2 Input 1: Capture trigger input to 16-bit Timer 2
Interrupt Request 6: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PB4
TB2OUT
1
Input/Output
Output
Port B4: Programmable as input or output
16-Bit Timer 2 Output: Output from 16-bit Timer 2
PB5
TB3IN0
INT7
1
Input/Output
Input
Input
Port B5: Programmable as input or output
16-Bit Timer 3 Input 0: Count/capture trigger input to 16-bit Timer 3
Interrupt Request 7: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PB6
TB3IN1
INT8
1
Input/Output
Input
Input
Port B6: Programmable as input or output
16-Bit Timer 3 Input 1: Capture trigger input to 16-bit Timer 3
Interrupt Request 8: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PB7
TB3OUT
1
Input/Output
Output
Port B7: Programmable as input or output
16-Bit Timer 3 Output: Output from 16-bit Timer 3
PC0
TXD0
1
Input/Output
Output
Port C0: Programmable as input or output
Serial Transmit Data 0: Programmable as a push-pull or open-drain output
PC1
RXD0
1
Input/Output
Input
Port C1: Programmable as input or output
Serial Receive Data 0
PC2
SCLK0
0
CTS
1
Input/Output
Input
Input
Port C2: Programmable as input or output
Serial Clock Input/Output 0
Serial Clear-to-Send 0
Programmable as a push-pull or open-drain output
PC3
TXD1
1
Input/Output
Output
Port C3: Programmable as input or output
Serial Transmit Data 1: Programmable as a push-pull or open-drain output
PC4
RXD1
1
Input/Output
Input
Port C4: Programmable as input or output
Serial Receive Data 1
PC5
SCLK1
1
CTS
1
Input/Output
Input
Input
Port C5: Programmable as input or output
Serial Clock Input/Output 1
Serial Clear-to-Send 1
Programmable as a push-pull or open-drain output
PC6
TXD2
1
Input/Output
Output
Port C6: Programmable as input or output
Serial Transmit Data 2: Programmable as a push-pull or open-drain output
PC7
RXD2
1
Input/Output
Input
Port C7: Programmable as input or output
Serial Receive Data 2
PD0
SCLK2
2
CTS
1
Input/Output
Input
Input
Port D0: Programmable as input or output
Serial Clock Input/Output 2
Serial Clear-to-Send 2
Programmable as a push-pull or open-drain output
PD1
TXD3
1
Input/Output
Output
Port D1: Programmable as input or output
Serial Transmit Data 3: Programmable as a push-pull or open-drain output
PD2
RXD3
1
Input/Output
Input
Port D2: Programmable as input or output
Serial Receive Data 3
PD3
SCLK3
3
CTS
1
Input/Output
Input
Input
Port D3: Programmable as input or output
Serial Clock Input/Output 3
Serial Clear-to-Send 3
Programmable as a push-pull or open-drain output
PD4
TXD4
1
Input/Output
Output
Port D4: Programmable as input or output
Serial Transmit Data 4: Programmable as a push-pull or open-drain output
PD5
RXD4
1
Input/Output
Input
Port D5: Programmable as input or output
Serial Receive Data 4
PD6
SCLK4
4
CTS
1
Input/Output
Input
Input
Port D6: Programmable as input or output
Serial Clock Input/Output 4
Serial Clear-to-Send 4
Programmable as a push-pull or open-drain output
PD7
KEY8
1
Input/Output
Input
Port D7: Programmable as input or output
KEY on wake up Input 8: (dynamic pull-up selectable) (with internal pull-up register)
Schmitt trigger input


유사한 부품 번호 - TMP1962F10AXBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
More results

유사한 설명 - TMP1962F10AXBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com