전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9913BCPZ-REEL71 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9913BCPZ-REEL71
상세설명  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9913BCPZ-REEL71 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9913BCPZ-REEL71 Datasheet HTML 5Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 6Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 7Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 8Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 9Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 10Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 11Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 12Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9913
Rev. 0 | Page 9 of 32
–50
–90
0
250
SYSTEM CLOCK (MHz)
–55
–60
–65
–70
–75
–80
–85
50
100
150
200
39.88%
26.58%
10.21%
Figure 10. SFDR vs. System Clock Frequency (PLL Bypassed)
–100
–170
10
100M
FREQUENCY (MHz)
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
10M
92.3MHz
48.9MHz
23.1MHz
6.1MHz
Figure 11. Residual Phase Noise vs. fOUT (PLL Bypassed)
−150
−50
100
100M
FREQUENCY (MHz)
1k
10k
100k
1M
10M
−60
−70
−80
−90
−100
−110
−120
−130
−140
99MHz
12.5MHz
49MHz
25MHz
Figure 12. Absolute Phase Noise vs. fOUT Using the Internal PLL
(REF_CLK 25 MHz × 10 = 250 MHz Using PLL)
–50
–90
00
fOUT (% of System Clock)
.45
–55
–60
–65
–70
–75
–80
–85
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
REFSPUR
PLL ×10
BYPASS
Figure 13. SFDR Without the Internal PLL
(REF_CLK = 25 MHz × 10 = 250 MHz Using PLL, 4 mA DAC Full-Scale Current)


유사한 부품 번호 - AD9913BCPZ-REEL71

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9913BCPZ-REEL7 AD-AD9913BCPZ-REEL7 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results

유사한 설명 - AD9913BCPZ-REEL71

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com