전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVCH16269DL 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74ALVCH16269DL
상세설명  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16269DL 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74ALVCH16269DL Datasheet HTML 3Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 4Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 9Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 10Page - Texas Instruments SN74ALVCH16269DL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH16269
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES019N – JULY 1995 – REVISED JULY 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
135
135
135
MHz
tw
Pulse duration, CLK high or low
(1)
3.3
3.3
3.3
ns
A data before CLK
(1)
2
2
1.7
B data before CLK
(1)
2.2
2.1
1.8
tsu
Setup time
SEL before CLK
(1)
1.6
1.6
1.3
ns
CLKENA1 or CLKENA2 before CLK
(1)
1
1.2
0.9
OE before CLK
(1)
1.5
1.6
1.3
A data after CLK
(1)
0.7
0.6
0.6
B data after CLK
(1)
0.7
0.6
0.6
th
Hold time
SEL after CLK
(1)
1.1
0.7
0.7
ns
CLKENA1 or CLKENA2 after CLK
(1)
1
0.8
1.1
OE after CLK
(1)
0.8
0.8
0.8
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
135
135
135
MHz
B
(1)
1
8.2
7.3
1
6.2
tpd
CLK
ns
A
(1)
1
6.4
5.8
1
5
B
(1)
1
7.9
6.7
1
6.1
ten
CLK
ns
A
(1)
1
7.6
6.2
1
5.9
B
(1)
1
8.1
6.9
1
6.1
tdis
CLK
ns
A
(1)
1
7.5
6.8
1
5.6
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
All outputs enabled
(1)
87
120
Power dissipation
Cpd
CL = 50 pF, f = 10 MHz
pF
capacitance per exchanger
All outputs disabled
(1)
80.5
118
(1)
This information was not available at the time of publication.
7


유사한 부품 번호 - SN74ALVCH16269DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH16269DL TI-SN74ALVCH16269DL Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVCH16269DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com