전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2013 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK2013
상세설명  N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2013 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK2013 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2013 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2013 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2013 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK2013
2006-11-21
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK2013
Audio Frequency Power Amplifier Application
High breakdown voltage
: VDSS = 180V
High forward transfer admittance
: |Yfs| = 0.7 S (typ.)
Complementary to 2SJ313
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
180
V
Gate−source voltage
VGSS
±20
V
Drain current
(Note 1)
ID
1
A
Drain power dissipation (Tc = 25°C)
PD
25
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Marking
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VDS = 0, VGS = ±20 V
±100
nA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0
180
V
Gate−source cut−off voltage (Note 2)
VGS (OFF)
VDS = 10 V, ID = 10 mA
1.8
2.8
V
Drain−source saturation voltage
VDS (ON)
ID = 0.6 A, VGS = 10 V
1.7
3.0
V
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 0.3 A
0.7
S
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
170
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
45
Reverse transfer capacitance
Crss
VDD ≈ 10 V, VGS = 0, f = 1 MHz
17
pF
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VGS (OFF) Classification
O: 0.8~1.6,
Y: 1.4~2.8
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC−67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
K2013
Part No. (or abbreviation code)


유사한 부품 번호 - 2SK2013

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2013 TOSHIBA-2SK2013 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
2SK2013 TOSHIBA-2SK2013 Datasheet
271Kb / 4P
   Audio Frequency Power Amplifier Application
2SK2013 TOSHIBA-2SK2013 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2013 ISC-2SK2013 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2013 TOSHIBA-2SK2013_09 Datasheet
271Kb / 4P
   Audio Frequency Power Amplifier Application
More results

유사한 설명 - 2SK2013

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2013 TOSHIBA-2SK2013 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
2SJ313 TOSHIBA-2SJ313 Datasheet
160Kb / 3P
   P CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
2SJ440-Y TOSHIBA-2SJ440-Y Datasheet
91Kb / 1P
   P CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
2SK2162 TOSHIBA-2SK2162_06 Datasheet
120Kb / 3P
   N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SK2162 TOSHIBA-2SK2162 Datasheet
89Kb / 1P
   N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SK1530 TOSHIBA-2SK1530_06 Datasheet
564Kb / 4P
   N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATION)
2SK1530 TOSHIBA-2SK1530 Datasheet
183Kb / 3P
   N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATION)
2SJ338 TOSHIBA-2SJ338 Datasheet
91Kb / 2P
   P CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SK2013 TOSHIBA-2SK2013_09 Datasheet
271Kb / 4P
   Audio Frequency Power Amplifier Application
2SB906 TOSHIBA-2SB906_07 Datasheet
160Kb / 4P
   Audio Frequency Power Amplifier Application
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com