전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2606 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK2606
상세설명  Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2606 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK2606 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2606 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2606 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2606
2006-11-10
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSIII)
2SK2606
DC−DC Converter, Relay Drive and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 1.0 Ω (typ.)
High forward transfer admittance : |Yfs|= 7.0 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 640 V)
Enhancement mode
: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
800
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
800
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
8
A
Drain current
Pulse (Note 1)
IDP
24
A
Drain power dissipation (Tc = 25°C)
PD
85
W
Single pulse avalanche energy
(Note 2)
EAS
883
mJ
Avalanche current
IAR
8
A
Repetitive avalanche energy (Note 3)
EAR
8.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.47
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
41.6
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 25.0 mH, IAR = 8 A, RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16F1B
Weight: 5.8 g (typ.)


유사한 부품 번호 - 2SK2606

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2606 TOSHIBA-2SK2606 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2606 ISC-2SK2606 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results

유사한 설명 - 2SK2606

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK3754 TOSHIBA-2SK3754 Datasheet
145Kb / 3P
   Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications
2SK2698 TOSHIBA-2SK2698_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2549 TOSHIBA-2SK2549_06 Datasheet
677Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2601 TOSHIBA-2SK2601_06 Datasheet
707Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2991 TOSHIBA-2SK2991_06 Datasheet
767Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611_06 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2615 TOSHIBA-2SK2615_06 Datasheet
648Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com