전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86FH46NG 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TMP86FH46NG
상세설명  CMOS 8-BIT MICROCONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH46NG 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP86FH46NG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FH46NG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
86FH46-8
2007-08-07
TMP86FH46
2.3
Serial PROM Mode Setting
2.3.1
Serial PROM Mode Control Pins
To execute on-board programming, start the TMP86FH46 in serial PROM mode. Setting of a
serial PROM mode is shown in Table 2.3.1.
Table 2.3.1 Serial PROM Mode Setting
Note: BOOT1 is RXD pin and BOOT2 is TXD pin during a serial PROM mode.
2.3.2
Pin Function
In the serial PROM mode, TXD (P11) and RXD (P10) pins are used as a serial interface pin.
Therefore, if the programming is executed on-board after mounting, these pins should be released
from the other devices for communication in serial PROM mode.
Note: When the device is used as on-board writing and other parts are already mounted in place, be
careful not to affect these communication control pins.
Pin Name
(Serial PROM mode)
Input/
Output
Functions
Pin Name
(MCU mode)
BOOT1/RXD
Input/Input
Fix “High” during reset. This pin is used as
RXD pin after releasing reset.
P10
BOOT2/TXD
Input/Output
Fix “High” during reset. This pin is used as
TXD pin after releasing reset.
P11
TEST
Input
Fix to “High”.
RESET
I/O
Reset signal input or an internal error reset output.
VDD, AVDD
Power supply
5 V
VSS, AVSS
0 V
VAREF
Leave open or apply reference voltage.
P07 to P00, P15 to P12, P22 to P20,
P37 to P30, P47 to P40
Fix to “low” or “high”.
XIN
Input
Self oscillation with resonator (2 MHz, 4 MHz, 8 MHz, 16 MHz)
XOUT
Output
Pin
Setting
TEST pin
High
BOOT1 (RXD)
(Note)
High
BOOT2 (TXD)
(Note)
High
RESET
pin


유사한 부품 번호 - TMP86FH46NG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
   8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
TMP86FH46BNG TOSHIBA-TMP86FH46BNG Datasheet
2Mb / 216P
   8 Bit Microcontroller TLCS-870/C Series
More results

유사한 설명 - TMP86FH46NG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com