전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3130 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SK3130
상세설명  Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3130 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SK3130_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3130
2006-11-08
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
VGS = 5.0 V
15
0
2
4
6
8
10
1
2
3
4
5
Common source
Tc
= 25°C
Pulse test
10
6
5.8
5.6
5.4
5.2
0
VGS = 5.0 V
0
10
20
30
40
50
2
4
6
8
10
15
Common source
Tc
= 25°C
Pulse test
10
6.4
6.2
6.0
5.8
5.4
0
0
2
4
6
8
10
2
4
6
8
10
Common source
VDS = 20 V
Pulse test
100
Tc
= 25°C
0.1
0.1
1
100
1
100
10
10
Common source
VDS = 20 V
Pulse test
Tc
= 25°C
100
1
0.1
1
10
10
100
VGS = 10, 15 V
Common source
Tc
= 25°C
Pulse test
16
0
4
8
12
20
1.5
3
04
8
16
12
20
Common source
Tc
= 25°C
Pulse test
ID = 6 A


유사한 부품 번호 - 2SK3130_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130_09 Datasheet
186Kb / 6P
   Switching Regulator Applications
More results

유사한 설명 - 2SK3130_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2237 TOSHIBA-2SK2237 Datasheet
559Kb / 6P
   SILICON N CHANNEL MOS TYPE
2SK2150 TOSHIBA-2SK2150 Datasheet
486Kb / 5P
   SILICON N CHANNEL MOS TYPE
logo
Hi-Sincerity Mocroelect...
HSK1118 HSMC-HSK1118 Datasheet
61Kb / 5P
   Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com