전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3342 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SK3342
상세설명  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3342 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SK3342 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3342
2007-01-16
3
VGS = 4V
4.5
5
5.5
15
8
10
Drain-source voltage VDS
(V)
ID – VDS
Drain-source voltage VDS
(V)
ID – VDS
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
Drain current
ID (A)
|Yfs| – ID
Drain current
ID (A)
RDS (ON) – ID
20
30
0
4
6
8
10
2
0
10
8
12
16
20
0
4
6
8
10
2
04
110
0.1
1
0.1
1
10
0.1
1
0
2
4
6
8
10
4
6
8
10
0
2
4
8
0
4
6
8
2
0
2
10
10
10
6
0.1
Common source
Tc
= 25°C
Pulse Test
VGS = 4V
4.5
5
5.5
15
8
10
Common source
Tc
= 25°C
Pulse Test
Common source
VDS = 10 V
Pulse Test
Ta
= −55°C
100
25
Common source
Tc
= 25°C
Pulse Test
ID = 4.5 A
1
2
Common source
VDS = 10 V
Pulse Test
Ta
= −55°C
25
100
VGS = 10 V
15


유사한 부품 번호 - 2SK3342

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

유사한 설명 - 2SK3342

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389_06 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com