전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3373 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SK3373
상세설명  Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3373 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SK3373_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3373_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3373_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3373_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3373_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3373_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3373
2006-11-06
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID − VGS
Gate-source voltage VGS (V)
VDS − VGS
Drain current ID (A)
⎪Yfs⎪ − ID
Drain current ID (A)
RDS (ON) − ID
0
2.0
0.4
1.2
0.8
1.6
2
0
10
4
6
8
Common source
Tc
= 25°C
pulse test
VGS = 4 V
5
5.5
10 8
6
4.5
0
10
2
6
4
8
4
0
20
8
12
16
0.5
Common source
Tc
= 25°C
pulse test
1
ID = 2 A
Common source
VDS = 20 V
pulse test
0
5
1
3
2
4
2
0
10
4
6
8
Tc
= −55°C
25
100
Common source
Tc
= 25°C
pulse test
0
5
1
3
2
4
10
0
50
20
30
40
VGS = 4 V
5
4.5
10
7
5.5
6
6.5
8
25
0.2
0.1
10
10
3
1
0.3
0.5
0.5
1
3
5
0.3
Common source
VDS = 20 V
pulse test
Tc
= −55°C
100
5
0.1
1
0.3
0.5
3
5
1
10
5
30
3
0.5
Common source
Tc
= 25°C
Pulse test
10
VGS = 10 V


유사한 부품 번호 - 2SK3373_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3373 TOSHIBA-2SK3373_10 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

유사한 설명 - 2SK3373_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389_06 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com