전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3389 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 2SK3389
상세설명  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3389 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  2SK3389_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3389_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3389_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3389_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3389_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3389_06 Datasheet HTML 6Page - Toshiba Semiconductor 2SK3389_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SK3389
2006-11-16
6
Channel temperature (initial) Tch (°C)
EAS – Tch
rth – tw
Pulse width tw (s)
Drain-source voltage VDS (V)
Safe operating area
0.01
10
μ
0.1
1
10
100
μ
1 m
10 m
100 m
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 1.0°C/W
Duty
= 0.5
0.2
0.1
Single
0.05
0.02
0.01
1000
800
600
400
200
0
25
50
75
100
125
150
0.1
0.1
1
10
100
1000
1
10
100
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature
ID max (pulsed) *
100
μs *
1 ms *
ID max
(continuous)
DC operation
Tc
= 25°C
VDSS max
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 25 V, L = 95 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Test circuit
0 V
15 V


유사한 부품 번호 - 2SK3389_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results

유사한 설명 - 2SK3389_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com