전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3445 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK3445
상세설명  Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3445 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK3445 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3445
2006-11-21
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
2SK3445
Switching Regulator, DC-DC Converter Applications
Motor Drive Applications
• Low drain-source ON resistance: RDS (ON) = 90 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 10 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 250 V)
• Enhancement mode: Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
250
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
250
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
20
Drain current
Pulse
(Note 1)
IDP
80
A
Drain power dissipation (Tc
= 25°C)
PD
125
W
Single pulse avalanche energy
(Note 2)
EAS
487
mJ
Avalanche current
IAR
20
A
Repetitive avalanche energy (Note 3)
EAR
12.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
1.00
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 2.06 mH, IAR = 20 A, RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-97
TOSHIBA
2-9F1B
Weight: 0.74 g (typ.)
Notice:
Please use the S1 pin for gate input
signal return. Make sure that the
main current flows into the S2 pin.
1
2
3
4


유사한 부품 번호 - 2SK3445

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3445 TOSHIBA-2SK3445 Datasheet
233Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3445 TOSHIBA-2SK3445 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
More results

유사한 설명 - 2SK3445

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com