전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT253SC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74ACT253SC
상세설명  Dual 4-Input Multiplexer with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT253SC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ACT253SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT253SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC253, 74ACT253 Rev. 1.5
2
Logic Diagram
IEEE/IEC
Functional Description
The AC/ACT253 contains two identical 4-input multiplex-
ers with 3-STATE outputs. They select two bits from four
sources selected by common Select inputs (S0, S1). The
4-input multiplexers have individual Output Enable (OEa,
OEb) inputs which, when HIGH, force the outputs to a
high impedance (High Z) state. This device is the logic
implementation of a 2-pole, 4-position switch, where the
position of the switch is determined by the logic levels
supplied to the two select inputs. The logic equations for
the outputs are shown:
Za = OEa •(I0a • S1 • S0 + I1a • S1 • S0 +
I2a • S1 • S0 + I3a • S1 • S0)
Zb = OEb •(I0b • S1 • S0 + I1b • S1 • S0 +
I2b • S1 • S0 + I3b • S1 • S0)
If the outputs of 3-STATE devices are tied together, all
but one device must be in the high impedance state to
avoid high currents that would exceed the maximum
ratings. Designers should ensure that Output Enable
signals to 3-STATE devices whose outputs are tied
together are designed so that there is no overlap.
Truth Table
Address Inputs S0 and S1 are common to both sections.
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Select Inputs
Data Inputs
Output Enable
Outputs
S0
S1
I0
I1
I2
I3
OE
Z
XXXXXX
H
Z
LLL
X
X
X
L
L
LL
H
XXX
L
H
H
LXLX
X
L
L
HL
XHX
X
L
H
LH
X
XLX
L
L
LH
X
XHX
L
H
HH
XXX
L
L
L
HH
XXX
H
L
H


유사한 부품 번호 - 74ACT253SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT253SC FAIRCHILD-74ACT253SC Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74ACT253SC FAIRCHILD-74ACT253SC Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74ACT253SCX FAIRCHILD-74ACT253SCX Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results

유사한 설명 - 74ACT253SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com