전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-188N 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 MC-188N
상세설명  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MC-188N 데이터시트(HTML) 1 Page - Sumida Corporation

  MC-188N Datasheet HTML 1Page - Sumida Corporation MC-188N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: MC-188, MC-188N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: MC-188 Series>
Product Description
・φ18.5mm Max.,25.5mm Max. Height. (MC-188)
・φ15.5mm Max. 25.5mm Max. Height. (MC-188N)
・Operating frequency:400kHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
.
Feature
・High inductance variable shielded type.
・Can be used as DC-DC converter transformer.
・RoHS Compliance
Dimensions (mm)
MC-188
MC-188N
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
36 ゜
φ12.0 ± 0. 3
φ18.0 ± 0 .5
24.5±1.0
3.5
+1.0
-0.5
24.5±1.0
+1.0
3.5
φ12.0±0.3
36 °
-0.5
φ15.0±0.5


유사한 부품 번호 - MC-188N

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
MC-182 SUMIDA-MC-182 Datasheet
58Kb / 1P
   IFT COILS
More results

유사한 설명 - MC-188N

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com