전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86C845UG 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TMP86C845UG
상세설명  8 Bit Microcontroller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86C845UG 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TMP86C845UG Datasheet HTML 1Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 2Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 3Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 4Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 5Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 6Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 7Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 8Page - Toshiba Semiconductor TMP86C845UG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Page 3
TMP86C845UG
Difference between TMP86C845 and TMP86Cx47 series
Note 1: Please make sure to check the section "Pin Input/Output port" of TMP86C847/H47/M47 and TMP86C845.
Note 2: With TMP86CH47AUG the operating temperature (Topr) is -20 to 85 when the supply voltage VDD is less than 2.0V.
TMP86Cx47 series
TMP86C845 series
TMP86C847UG
TMP86CH47UG
TMP86CH47AUG
TMP86CM47UG
TMP86CM47AUG
TMP86C845UG
ROM
8192bytes (MASK)
16384bytes(MASK)
32768bytes(MASK)
8192bytes(MASK)
RAM
512bytes
512bytes
1024bytes
256bytes
I/O port
35 pins
35 pins
35 pins
35 pins
Package(Body size)
LQFP44(10x10mm)
LQFP44(10x10mm)
LQFP44(10x10mm)
LQFP44(10x10mm)
Minumum command execution time
0.25
µsec at 16MHz
0.5
µsec at 16MHz
Supply Voltage
1.8V to 5.5V at 4.2MHz/32.768kHz
2.7V to 5.5V at 8.0MHz/32.768kHz
4.5V to 5.5V at 16MHz/32.768kHz
2.7V to 5.5V
at 8.0MHz/32.768kHz
Timer counter
16-bit timer counter: 1ch
8-bit timer counter: 2ch
16-bit timer counter: 1ch
8-bit timer counter: 2ch
16-bit timer counter: 1ch
8-bit timer counter: 2ch
-
8-bit timer counter: 2ch
Time base timer
1ch
1ch
1ch
1ch
Watch dog timer
1ch
1ch
1ch
1ch
UART
1ch
1ch
1ch
-
SIO
Hi-Speed SIO : 1ch
Hi-Speed SIO : 1ch
Hi-Speed SIO : 1ch
Hi-Speed SIO : 1ch
Key-on wakeup
4ch
4ch
4ch
-
10-bit AD converter
Analog-input : 8ch
Analog-input : 8ch
Analog-input : 8ch
Analog-input : 8ch
Warming-up counter
for releasing STOP mode
6 kinds
6 kinds
6 kinds
4 kinds
I/O circuit
Hysterisis
input pin
P0,P1,P2 ports
P0,P1,P2 ports
P0,P1,P2 ports
P2 port and
,P00,P05,P06,P07,
P10,P11,P12,P15
pins
CMOS
input pin
P3,P4 ports
P3,P4 ports
P3,P4 ports
P3, P4 ports and
P01,P02,P03,P04,
P13,P14,P16,P17
pins
RESET
pin
Watch dog timer, Address trap
and Systemclock reset output
RESET
input only
Operating Temperature
-40 to 85 ℃
-40 to 85 ℃ (Note2)
-40 to 85 ℃
-40 to 85 ℃
Package
(P-LQFP44-1010-0.80A)
Available
Available
(86CH47)
Available
Available
Package
(P-LQFP44-1010-0.80B)
N.A.
Available
(86CH47A)
N.A.
N.A.


유사한 부품 번호 - TMP86C845UG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
TMP86C846NG TOSHIBA-TMP86C846NG Datasheet
1Mb / 160P
   8 Bit Microcontroller
TMP86C847 TOSHIBA-TMP86C847 Datasheet
539Kb / 10P
   CMOS 8 BIT MICROCONTROLLER
TMP86C847IUG TOSHIBA-TMP86C847IUG Datasheet
1Mb / 160P
   8 Bit Microcontroller
TMP86C847SUG TOSHIBA-TMP86C847SUG Datasheet
1Mb / 160P
   8 Bit Microcontroller
More results

유사한 설명 - TMP86C845UG

제조업체부품명데이터시트상세설명
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com