전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP19A64C1DXBG 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TMP19A64C1DXBG
상세설명  32-bit RISC Microprocessor
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP19A64C1DXBG 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TMP19A64C1DXBG Datasheet HTML 1Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 2Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 3Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 4Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 5Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 6Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 7Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 8Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 460 page
background image
TMP19A64C1D
TMP19A64(rev1.1)1-1
32-bit RISC Microprocessor - TX19 Family
TMP19A64C1DXBG
1.
Overview and Features
The TX19 family is a high-performance 32-bit RISC processor series that TOSHIBA originally developed by
integrating the MIPS16
TMASE (Application Specific Extension), which is an extended instruction set of high code
efficiency.
TMP19A64 is a 32-bit RISC microprocessor with a TX19A processor core and various peripheral functions
integrated into one package. It can operate at low voltage with low power consumption.
Features of TMP19A64 are as follows:
(1) TX19A processor core
1)
Improved code efficiency and operating performance have been realized through the use of two ISA
(Instruction Set Architecture) modes - 16- and 32-bit ISA modes.
The 16-bit ISA mode instructions are compatible with the MIPS16e-TX instructions of superior
code efficiency at the object level.
The 32-bit ISA mode instructions are compatible with the TX39 instructions of superior operating
performance at the object level.
2)
Both high performance and low power consumption have been achieved.
RESTRICTIONS ON PRODUCT USE
070122EBP
The information contained herein is subject to change without notice. 021023_D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in
general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility
of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire
system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life,
bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges
as set forth in
the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the
“Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc. 021023_A
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products
are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a
malfunction or failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include
atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal
instruments,
combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products
listed in this document shall be made at the customer’s own risk. 021023_B
• The products described in this document shall not be used or embedded to any downstream products of which manufacture,
use and/or sale are prohibited under any applicable laws and regulations. 060106_Q
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed
by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is
granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. 070122_C
• The products described in this document are subject to foreign exchange and foreign trade control laws. 060925_E
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled
Quality and Reliability Assurance/Handling Precautions. 030619_S


유사한 부품 번호 - TMP19A64C1DXBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
More results

유사한 설명 - TMP19A64C1DXBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com