전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WG00FU 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7WG00FU
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG00FU 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7WG00FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WG00FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WG00FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WG00FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WG00FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WG00FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WG00FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WG00FU/FK
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
26.9
1.1~1.3
10.9
20.7
1.0
38.6
1.4~1.6
5.9
9.6
1.0
11.3
1.65~ 1.95
4.5
7.0
1.0
7.5
2.3~2.7
2.9
4.4
1.0
4.9
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.2
3.5
1.0
4.1
0.9
30.0
1.1~1.3
12.0
24.2
1.0
42.0
1.4~1.6
6.5
10.5
1.0
12.6
1.65~ 1.95
5.0
7.7
1.0
8.0
2.3~2.7
3.2
4.9
1.0
5.6
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.5
3.8
1.0
4.4
0.9
45.0
1.1~1.3
18.0
33.4
1.0
63.2
1.4~1.6
8.9
14.8
1.0
17.9
1.65~ 1.95
6.9
10.3
1.0
10.8
2.3~2.7
4.4
6.4
1.0
6.8
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.5
4.9
1.0
5.4
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(Note13)
0.9 ~ 3.6
10
pF
Note 13: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2


유사한 부품 번호 - TC7WG00FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU_09 Datasheet
234Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC7WG00FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC7WG00FC TOSHIBA-TC7WG00FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com