전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WG126FK 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7WG126FK
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG126FK 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7WG126FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WG126FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7WG126FU/FK
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
18.3
1.1~1.3
9.4
18.4
1.0
34.9
1.4~1.6
5.5
8.5
1.0
10.7
1.65~ 1.95
4.2
6.2
1.0
6.7
2.3~2.7
2.8
3.9
1.0
4.4
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.3
3.1
1.0
3.7
0.9
21.2
1.1~1.3
10.7
21.5
1.0
38.0
1.4~1.6
6.1
9.3
1.0
11.9
1.65~ 1.95
4.7
6.9
1.0
7.1
2.3~2.7
3.1
4.4
1.0
5.0
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.5
3.4
1.0
3.9
0.9
30.5
1.1~1.3
14.9
30.0
1.0
58.1
1.4~1.6
8.2
13.2
1.0
16.6
1.65~ 1.95
6.1
9.2
1.0
9.9
2.3~2.7
4.1
5.7
1.0
6.1
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.4
4.4
1.0
4.8
ns
CL = 10 pF,
RL = 100 kΩ
0.9
24.0
1.1~1.3
11.8
22.5
1.0
35.8
1.4~1.6
6.8
10.4
1.0
12.0
1.65~ 1.95
5.1
7.3
1.0
8.1
2.3~2.7
3.4
4.6
1.0
5.3
CL = 10 pF,
RL = 5 kΩ
3.0~3.6
2.5
3.4
1.0
3.9
CL = 15 pF,
RL = 100 kΩ
0.9
26.6
1.1~1.3
13.0
25.0
1.0
41.9
1.4~1.6
7.4
11.4
1.0
13.4
1.65~ 1.95
5.5
7.9
1.0
8.5
2.3~2.7
3.7
4.9
1.0
5.5
CL = 15 pF,
RL = 5 kΩ
3.0~3.6
3.0
4.1
1.0
4.6
CL = 30 pF,
RL = 100 kΩ
0.9
36.4
1.1~1.3
17.9
35.8
1.0
59.1
1.4~1.6
9.8
15.3
1.0
17.8
1.65~ 1.95
7.2
10.5
1.0
11.2
2.3~2.7
4.5
5.9
1.0
6.6
Output enable time
tpZL
tpZH
CL = 30 pF,
RL = 5 kΩ
3.0~3.6
3.6
4.6
1.0
5.3
ns


유사한 부품 번호 - TC7WG126FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
   Dual Bus Buffer with 3-STATE Output
More results

유사한 설명 - TC7WG126FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG125FU TOSHIBA-TC7WG125FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P_07 Datasheet
268Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com