전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WH00FC 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7WH00FC
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH00FC 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7WH00FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WH00FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WH00FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WH00FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WH00FC Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7WH00FC
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH00FC
Dual 2-Input NAND Gate
Features
• High-speed
:tpd = 3.7ns (Typ.) at VCC = 5 V
• Low power dissipation
:ICC=2μA(Max.) at Ta=25°C
• High noise immunity
:VNIH=VNIL=28%VCC(Min.)
• Operation voltage range
:VCC(opr.)=2~5.5V
• 5.5-V Tolerant inputs.
Marking
Absolute Maximum Ratings ( Ta = 25°C )
Characteristics
Symbol
Ratingh
Unit
Power supply viltage
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note1)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
(Note2)
mA
DC output current
IOUT
±25
mA
DC VCC/GND current
ICC
±50
mA
Power dissipation
PD
150
(Note3) mW
Storage temperature
Tstg
−65~150
°C
Note: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note1 : High or Low State.
IOUT absolute maximum rating must be observed.
Note2 : VOUT < GND , VOUT > VCC
Note3 : Mounted on an FR4 board.
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 11.56 mm
2
)
Pin Assignment (top view)
Truth Table
Inputs
Outputs
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
IEC Logic Diagram
TC7WH00FC
CSON8-P-0.4
Weight: 0.002g (typ.)
H00
Product name
1
2
3
4
8
7
6
5
1A
1B
2Y
GND
1Y
2B
2A
Vcc
1A
&
1Y
&
1B
2A
2B
2Y


유사한 부품 번호 - TC7WH00FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH00FK TOSHIBA-TC7WH00FK Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
TC7WH00FK TOSHIBA-TC7WH00FK Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC7WH00FK TOSHIBA-TC7WH00FK_09 Datasheet
200Kb / 7P
   Dual 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
More results

유사한 설명 - TC7WH00FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC7WG00FC TOSHIBA-TC7WG00FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com