전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WH04FU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7WH04FU
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH04FU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7WH04FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH04FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH04FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH04FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH04FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH04FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH04FU_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WH04FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH04FU,TC7WH04FK
Triple Inverter
The TC7WH04 is an advanced high speed CMOS Inverter
fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation. The internal circuit is composed of 3 stages including
buffer output, which provide high noise immunity and stable
output. An input protection circuit ensures that 0 to 7 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• 5.5-V Tolerant inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
TC7WH04FU
TC7WH04FK
Weight
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)
TC7WH04FU
TC7WH04FK
Type Name
H 0 4
Lot No.
W H
0 4
VCC
3A
Y2
1A
GND
3Y
1
2
3
4
2A
1Y
8
7
6
5


유사한 부품 번호 - TC7WH04FU_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH04FU TOSHIBA-TC7WH04FU Datasheet
194Kb / 6P
   TRIPLE INVERTER
More results

유사한 설명 - TC7WH04FU_07

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH34FU TOSHIBA-TC7WH34FU_07 Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com