전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WH32FU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7WH32FU
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH32FU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7WH32FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH32FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH32FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH32FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH32FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH32FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH32FU_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WH32FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH32FU,TC7WH32FK
Dual 2-Input OR Gate
The TC7WH32 is an advanced high speed CMOS 2-Input OR
Gate fabricated with silicon gate CMOS technology. It achieves
the high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining the CMOS low power dissipation. The
internal circuit is composed of 4 stages including buffer output,
which provide high noise immunity and stable output. An input
protection circuit ensures that 0 to 7 V can be applied to the
input pins without regard to the supply voltage. This device can
be used to interface 5 V to 3 V systems and two supply systems
such as battery back up. This circuit prevents device destruction
due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
SM8
US8
Pin Assignment (top view)
TC7WH32FU
TC7WH32FK
Weight
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)


유사한 부품 번호 - TC7WH32FU_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results

유사한 설명 - TC7WH32FU_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FC TOSHIBA-TC7WH32FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74HC4072AP TOSHIBA-TC74HC4072AP_07 Datasheet
219Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input OR Gate
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com