전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WH157FK 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7WH157FK
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH157FK 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7WH157FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WH157FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WH157FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WH157FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WH157FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WH157FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WH157FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WH157FU/FK
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
CL (pF)
Min.
Typ.
Max.
Min.
Max.
Unit
15
6.2
9.7
1.0
11.5
3.3
± 0.3
50
8.7
13.2
1.0
15.0
15
4.1
6.4
1.0
7.5
Propagation Delay Time
(A, B – Y)
tpLH
tpHL
5.0
± 0.5
50
5.6
8.4
1.0
9.5
ns
15
8.4
13.2
1.0
15.5
3.3
± 0.3
50
10.9
16.7
1.0
19.0
15
5.3
8.1
1.0
9.5
Propagation Delay Time
(SELECT – Y)
tpLH
tpHL
5.0
± 0.5
50
6.8
10.1
1.0
11.5
ns
15
8.7
13.6
1.0
16.0
3.3
± 0.3
50
11.2
17.1
1.0
19.5
15
5.6
8.6
1.0
10.0
Propagation Delay Time
(ST – Y)
tpLH
tpHL
5.0
± 0.5
50
7.1
10.6
1.0
12.0
ns
Input Capacitance
CIN
4
10
10
pF
Power Dissipation
Capacitance
CPD
(Note 1)
20
pF
Note 1:CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation :
ICC (opr) = CPD・VCC・fIN + ICC
Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.3
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.3
−0.8
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit


유사한 부품 번호 - TC7WH157FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
More results

유사한 설명 - TC7WH157FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com