전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC59LM836DKB-30 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC59LM836DKB-30
상세설명  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM836DKB-30 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC59LM836DKB-30 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM836DKB-30 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
TC59LM836DKB-30,-33,-40
2005-03-07
5/65
Rev 1.3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
NOTES
VDD
Power Supply Voltage
−0.3~ 3.3
V
VDDQ
Power Supply Voltage (for DQ buffer)
−0.3~VDD+ 0.3
V
VIN
Input Voltage
−0.3~VDD+ 0.3
V
VOUT
Output and DQ pin Voltage
−0.3~VDDQ + 0.3
V
VREF
Input Reference Voltage
−0.3~VDD+ 0.3
V
Topr
Operating Temperature (case)
0~85
°C
Tstg
Storage Temperature
−55~150
°C
Tsolder
Soldering Temperature (10 s)
260
°C
PD
Power Dissipation
2.5
W
IOUT
Short Circuit Output Current
±50
mA
Caution: Conditions outside the limits listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to the device.
The device is not meant to be operated under conditions outside the limits described in the operational section of this
specification.
Exposure to “ABSOLUTE MAXIMUM RATINGS” conditions for extended periods may affect device reliability.
RECOMMENDED DC, AC OPERATING CONDITIONS (Notes: 1)(TCASE = 0~85°C)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
VDD
Power Supply Voltage
2.375
2.5
2.625
V
VDDQ
Power Supply Voltage (for DQ buffer)
1.4
1.9
V
VREF
Reference Voltage
VDDQ/2 × 95%
VDDQ/2
VDDQ/2 × 105%
V
2
VIH (DC)
Input DC High Voltage
VREF + 0.125
VDDQ + 0.2
V
5
VIL (DC)
Input DC Low Voltage
−0.1
VREF − 0.125
V
5
VICK (DC)
Differential Clock DC Input Voltage
−0.1
VDDQ + 0.1
V
10
VID (DC)
Differential Input Voltage.
CLK and CLK inputs (DC)
0.4
VDDQ + 0.2
V
7, 10
VIH (AC)
Input AC High Voltage
VREF + 0.2
VDDQ + 0.2
V
3, 6
VIL (AC)
Input AC Low Voltage
−0.1
VREF − 0.2
V
4, 6
VID (AC)
Differential Input Voltage.
CLK and CLK inputs (AC)
0.55
VDDQ + 0.2
V
7, 10
VX (AC)
Differential AC Input Cross Point Voltage
VDDQ/2 − 0.125
VDDQ/2 + 0.125
V
8, 10
VISO (AC)
Differential Clock AC Middle Level
VDDQ/2 − 0.125
VDDQ/2 + 0.125
V
9, 10


유사한 부품 번호 - TC59LM836DKB-30

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-33 TOSHIBA-TC59LM836DKG-33 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-40 TOSHIBA-TC59LM836DKG-40 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC59LM836DKB-30

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com