전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC59LM836DKG-40 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TC59LM836DKG-40
상세설명  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM836DKG-40 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TC59LM836DKG-40 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
TC59LM836DKG-30,-33,-40
2005-03-07
2/65
Rev 1.3
PIN NAMES
PIN
NAME
A0~A13
Address Input
BA0, BA1
Bank Address
DQ0~DQ35
Data Input/Output
CS
Chip Select
FN
Function Control
PD
Power Down Control
CLK, CLK
Clock Input
LDS, UDS
Write Data Strobe
LQS, UQS
Read Data Strobe
VDD
Power (
+2.5 V)
VSS
Ground
VDDQ
Power (
+1.5V / +1.8 V)
(for DQ buffer)
VSSQ
Ground
(for DQ buffer)
VREF
Reference Voltage
NC
Not Connected
TMS, TDI, TCK, TDO Boundary Scan Test Access Ports


유사한 부품 번호 - TC59LM836DKG-40

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-33 TOSHIBA-TC59LM836DKB-33 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-40 TOSHIBA-TC59LM836DKB-40 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

유사한 설명 - TC59LM836DKG-40

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com