전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC59LM906AMG-50 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC59LM906AMG-50
상세설명  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM906AMG-50 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC59LM906AMG-50 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
TC59LM914/06AMG-37,-50
2004-08-20
1/59
Rev 1.0
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
512Mbits Network FCRAM1 (SSTL_18 / HSTL_Interface)
− 4,194,304-WORDS × 8 BANKS × 16-BITS
− 8,388,608-WORDS × 8 BANKS × 8-BITS
DESCRIPTION
Network FCRAMTM is Double Data Rate Fast Cycle Random Access Memory. TC59LM914/06AMG is Fast Cycle
Random Access Memory (Network FCRAMTM) containing 536,870,912 memory cells. TC59LM914AMG is organized
as 4,194,304-words
× 8 banks × 16 bits, TC59LM906AMG is organized as 8,388,608-words × 8 banks × 8 bits.
TC59LM914/06AMG feature a fully synchronous operation referenced to clock edge whereby all operations are
synchronized at a clock input which enables high performance and simple user interface coexistence.
TC59LM914/06AMG can operate fast core cycle compared with regular DDR SDRAM.
TC59LM914/06AMG is suitable for Network, Server and other applications where large memory density and low
power consumption are required. The Output Driver for Network FCRAMTM is capable of high quality fast data
transfer under light loading condition.
FEATURES
TC59LM914/06
PARAMETER
-37
-50
CL
= 3
5.5 ns
6.0 ns
CL
= 4
4.5 ns
5.5 ns
tCK
Clock Cycle Time (min)
CL
= 5
3.75 ns
5.0 ns
tRC
Random Read/Write Cycle Time (min)
22.5 ns
27.5 ns
tRAC Random Access Time (max)
22.0 ns
24.0 ns
IDD1S Operating Current (single bank) (max)
280 mA
240 mA
lDD2P Power Down Current (max)
90 mA
80 mA
lDD6
Self-Refresh Current (max)
20 mA
20 mA
Fully Synchronous Operation
• Double Data Rate (DDR)
Data input/output are synchronized with both edges of DQS.
• Differential Clock (CLK and CLK ) inputs
CS
, FN and all address input signals are sampled on the positive edge of CLK.
Output data (DQs and DQS) is aligned to the crossings of CLK and CLK .
• Fast clock cycle time of 3.75 ns minimum
Clock: 266 MHz maximum
Data:
533 Mbps/pin maximum
• Fast cycle and Short Latency
• Eight independent banks operation
When BA2 input assign to A14 input, TC59LM914/06AMG can function as 4 bank device
(Keep backward compatibility to 256Mb)
• Bidirectional differential data strobe signal : TC59LM906AMG
• Bidirectional data strobe signal per byte
: TC59LM914AMG
• Distributed Auto-Refresh cycle in 3.9 µs
• Self-Refresh
• Power Down Mode
• Variable Write Length Control
• Write Latency = CAS Latency-1
• Programable CAS Latency and Burst Length
CAS
Latency
= 3, 4, 5
Burst Length
= 2, 4
• Organization: TC59LM914AMG : 4,194,304 words × 8 banks × 16 bits
TC59LM906AMG : 8,388,608 words
× 8 banks × 8 bits
• Power Supply Voltage
VDD:
2.5 V
± 0.125V
VDDQ: 1.4 V ∼ 1.9 V
• 1.8 V CMOS I/O comply with SSTL_18 and HSTL
• Package:
60Ball BGA, 1mm
× 1mm Ball pitch (P−BGA64−1317−1.00AZ)
Notice : FCRAM is trademark of Fujitsu Limited, Japan.


유사한 부품 번호 - TC59LM906AMG-50

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC59LM906AMG-50

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com