전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM150RSD120 데이터시트(PDF) 5 Page - Powerex Power Semiconductors

부품명 PM150RSD120
상세설명  Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150RSD120 데이터시트(HTML) 5 Page - Powerex Power Semiconductors

  PM150RSD120 Datasheet HTML 1Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 2Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 3Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 4Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 5Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PM150RSD120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
150 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Inverter Part
0
1.0
2.0
3.0
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
0
200
40
80
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0.5
1.5
2.5
120
160
101
102
103
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
0.5
1.0
1.5
2.0
2.5
Tj = 25
oC
Tj = 125
oC
0
VD = 15V
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
tc(off)
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
101
102
103
10-2
COLLECTOR CURRENT, -IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25
oC
Tj = 125
oC
101
102
103
trr
Irr
0
0
40
60
80
120
CIRCUIT CURRENT VS.
CARRIER FREQUENCY
CARRIER FREQUENCY, fC, (kHz)
510
15
20
25
Tj = 25
oC
N-SIDE
P-SIDE
100
20
INDUCTIVE LOAD
101
102
103
10-1
SWITCHING LOSS CHARACTERISTICS
(TYPICAL)
100
102
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25
oC
Tj = 125
oC
101
Esw(off)
Esw(off)
Esw(on)
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi - INVERTER PART)
101
10-1
100
101
100
10-1
10-2
10-3
STANDARD VALUE
Rth(j-c)Q = 0.16
oC/W (IGBT)
Rth(j-c)F = 0.24
oC/W (FWDi)
SINGLE PULSE
10-2
10-3
INDUCTIVE LOAD
COLLECTOR CURRENT, IC, (AMPERES)


유사한 부품 번호 - PM150RSD120

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
PM150RSD120 MITSUBISHI-PM150RSD120_05 Datasheet
136Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

유사한 설명 - PM150RSD120

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM15RSH120 POWEREX-PM15RSH120 Datasheet
99Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM50RSD120 POWEREX-PM50RSD120 Datasheet
122Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM10RSH120 POWEREX-PM10RSH120 Datasheet
100Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com