전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3241 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP3241
상세설명  Logic IC Testers / Memory Testers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3241 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP3241 Datasheet HTML 1Page - Toshiba Semiconductor TLP3241 Datasheet HTML 2Page - Toshiba Semiconductor TLP3241 Datasheet HTML 3Page - Toshiba Semiconductor TLP3241 Datasheet HTML 4Page - Toshiba Semiconductor TLP3241 Datasheet HTML 5Page - Toshiba Semiconductor TLP3241 Datasheet HTML 6Page - Toshiba Semiconductor TLP3241 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP3241
2007-10-01
6
tON,tOFF ─ I F
tON,tOFF ─ Ta
3
5
30
50
200
3
530
50
Ta = 25 ℃
V
= 10V, R = 200
DD
L
Ω
110
1
10
100
3
5
30
50
V
= 10V, R = 200
DD
L
Ω
I = 5mA
F
-20
0
20
40
60
80
100
1
10
100
順 電 流
I F (mA)
Ambient temperature Ta (°C)
I OFF ─ Ta
V
= 35V
OFF
-20
0
20
40
60
80
100
1
10
100
1000
Ambient temperature Ta (°C)
t OFF
t ON
t OFF
t ON


유사한 부품 번호 - TLP3241

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
More results

유사한 설명 - TLP3241

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
   Logic IC Testers/memory Testers Board Testers/Scanners
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com