전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP4202G 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP4202G
상세설명  Telecommunication Measurement Equipment Security Equipment FA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4202G 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP4202G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP4202G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP4202G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP4202G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP4202G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP4202G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP4202G
2007-10-01
5
1
0
20
40
60
80
100
10
100
1000
3
30
300
VOFF = 350 V
IF = 5 mA
10
−40
3000
100
80
60
40
20
0
−20
300
100
30
1000
tON
tOFF
VDD = 20 V, RL = 200 Ω
IF = 5 mA
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IOFF – Ta
Ambient temperature Ta (°C)
IFC – Ta
ION – VON
On-state voltage VON (V)
Input current IF (mA)
tON, tOFF – IF
Ambient temperature Ta (°C)
tON, tOFF – Ta
1
100
Ta
= 25°C
VDD = 20 V, RL = 200 Ω
tON
tOFF
30
50
10
3
5
300
10
3000
300
100
30
1000
Ta
= 25°C
−4
−1
0
4
1
150
−150
−50
0
100
50
−100
−2
−3
2
3
ION = 90 mA
t
< 1 s
0
−40
5
100
80
60
40
20
0
−20
4
3
2
1
ION = 90 mA
t
< 1 s
40
0
−20
0
20
40
80
100
60
20
30
50
−40
10


유사한 부품 번호 - TLP4202G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results

유사한 설명 - TLP4202G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4192G TOSHIBA-TLP4192G Datasheet
165Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP797J TOSHIBA-TLP797J Datasheet
251Kb / 6P
   TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com