전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74AC112P 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74AC112P
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC112P 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74AC112P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC112P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74AC112P/F/FN
2007-10-01
5
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta
=
25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(
CK )
tW (L)
tW (H)
3.3
± 0.3
5.0
± 0.5
7.5
5.0
7.5
5.0
ns
Minimum pulse width
( CLR , PR )
tW (L)
3.3
± 0.3
5.0
± 0.5
7.0
5.0
7.0
5.0
ns
Minimum set-up time
ts
3.3
± 0.3
5.0
± 0.5
11.0
6.0
11.0
6.0
ns
Minimum hold time
th
3.3
± 0.3
5.0
± 0.5
0.0
0.0
0.0
0.0
ns
Minimum removal time
( CLR , PR )
trem
3.3
± 0.3
5.0
± 0.5
3.0
2.0
3.0
2.0
ns
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
( CK -Q, Q )
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
9.1
6.5
15.5
9.4
1.0
1.0
17.8
10.8
ns
Propagation delay
time
( CLR , PR -Q, Q)
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
8.6
5.8
14.6
8.3
1.0
1.0
16.8
9.6
ns
Maximum clock
frequency
fmax
3.3
± 0.3
5.0
± 0.5
45
80
90
150
45
80
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
85
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per F/F)


유사한 부품 번호 - TC74AC112P_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74AC112P TOSHIBA-TC74AC112P_12 Datasheet
267Kb / 8P
   Dual J-K Flip Flop with Preset and Clear
More results

유사한 설명 - TC74AC112P_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC109P TOSHIBA-TC74AC109P Datasheet
312Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74HC107AF TOSHIBA-TC74HC107AF_07 Datasheet
300Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Clear
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
   Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com