전자부품 데이터시트 검색엔진 |
|
TLP2200 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TLP2200 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TLP2200 2007-10-01 2 Recommended Operating Conditions Characteristic Symbol Min. Typ. Max. Unit Input current, on IF(ON) 1.6 ― 5 mA Input current, off IF(OFF) 0 ― 0.1 mA Supply voltage VCC 4.5 ― 20 V Enable voltage high VEH 2.0 ― 20 V Enable voltage low VEL 0 ― 0.8 V Fan out (TTL load) N ― ― 4 ― Operating temperature Topr 0 ― 85 °C Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document. Absolute Maximum Ratings (no derating required up to 70°C) Characteristic Symbol Rating Unit Forward current IF 10 mA Peak transient forward current (Note 1) IFPT 1 A Reverse voltage VR 5 V Output current IO 25 mA Supply voltage VCC −0.5~20 V Output voltage VO −0.5~20 V Three state enable voltage VE −0.5~20 V Total package power dissipation (Note 2) PT 210 mW Operating temperature range Topr −40~85 °C Storage temperature range Tstg −55~125 °C Lead solder temperature (10s) (**) Tsol 260 °C Isolation voltage (AC 1min., R.H. ≤ 60%,Ta = 25°C) (Note 3) BVS 2500 Vrms Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note 1) Pulse width 1μs 300pps. (Note 2) Derate 4.5mW / °C above 70°C ambient temperature. (Note 3) Device considered a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5,6,7 and 8 shorted together (**) 1.6mm below seating plane. |
유사한 부품 번호 - TLP2200 |
|
유사한 설명 - TLP2200 |